Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20246A-24LKXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C20246A-24LKXI
Description  CapSense Applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20246A-24LKXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C20246A-24LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 13Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 14Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. **
Page 11 of 38
32-Pin QFN
Table 5. Pin Definitions - CY8C20436A, CY8C20446A, CY8C20466A PSoC Device [2, 3]
Pin
No.
Type
Name
Description
Figure 5. CY8C20436A, CY8C20446A, CY8C20466A
PSoC Device
Digital
Analog
1
IOH
I
P0[1]
Integrating input
2
I/O
I
P2[7]
3
I/O
I
P2[5]
Crystal output (XOut)
4
I/O
I
P2[3]
Crystal input (XIn)
5
I/O
I
P2[1]
6
I/O
I
P3[3]
7
I/O
I
P3[1]
8
IOHR
I
P1[7]
I2C SCL, SPI SS
9
IOHR
I
P1[5]
I2C SDA, SPI MISO
10
IOHR
I
P1[3]
SPI CLK.
11
IOHR
I
P1[1]
ISSP CLK[1], I2C SCL, SPI MOSI.
12
Power
Vss
Ground connection.
13
IOHR
I
P1[0]
ISSP DATA[1], I2C SDA., SPI CLK
14
IOHR
I
P1[2]
15
IOHR
I
P1[4]
Optional external clock input
(EXTCLK)
16
IOHR
I
P1[6]
17
Input
XRES
Active high external reset with
internal pull down
18
I/O
I
P3[0]
19
I/O
I
P3[2]
20
I/O
I
P2[0]
21
I/O
I
P2[2]
22
I/O
I
P2[4]
23
I/O
I
P2[6]
24
IOH
I
P0[0]
25
IOH
I
P0[2]
26
IOH
I
P0[4]
27
IOH
I
P0[6]
28
Power
Vdd
Supply voltage
29
IOH
I
P0[7]
30
IOH
I
P0[5]
31
IOH
I
P0[3]
Integrating input
32
Power
Vss
Ground connection
CP
Power
Vss
Center pad must be connected to
ground
LEGEND A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
AI, P0[1]
AI, P2[7]
AI, XOut, P2[5]
AI, XIn, P2[3]
AI, P2[1]
AI, P3[3]
QFN
(Top View)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AI, P3[1]
AI, I2C SCL, SPI SS, P1[7]
P0[0], AI
P2[6], AI
P3[0], AI
XRES
P2[4], AI
P2[2], AI
P2[0], AI
P3[2], AI
[+] Feedback


Similar Part No. - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com