Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68320C-56PVXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C68320C-56PVXC
Description  EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68320C-56PVXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68320C-56PVXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 12Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 13Page - Cypress Semiconductor CY7C68320C-56PVXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
CY7C68300C, CY7C68301C
CY7C68320C, CY7C68321C
Document 001-05809 Rev. *C
Page 10 of 41
28
N/A
N/A
NC
No connect.
29
15
22
SCL
O
Active for
several ms at
startup.
Clock signal for I2C interface. (See “SCL, SDA” on
page 12). Apply a 2.2k pull up resistor.
30
16
23
SDA
I/O
Data signal for I2C interface. (See “SCL, SDA” on
page 12).
Apply a 2.2k pull up resistor.
31
32
N/A
N/A
NC
No connect.
33
17
24
VCC
PWR
VCC. Connect to 3.3V power source.
34
18
25
DD0
I/O[1]
Hi-Z
ATA data bit 0.
35
19
26
DD1
I/O[1]
Hi-Z
ATA data bit 1.
36
20
27
DD2
I/O[1]
Hi-Z
ATA data bit 2.
37
21
28
DD3
I/O[1]
Hi-Z
ATA data bit 3.
38
N/A
N/A
VCC
PWR
VCC. Connect to 3.3V power source.
39
N/A
N/A
GND
GND
Ground.
40
N/A
N/A
NC
NC
No connect.
41
N/A
N/A
GND
Ground.
42
N/A
N/A
NC
NC
No connect.
43
N/A
N/A
GND
Ground.
44
22
29
DD4
I/O[1]
Hi-Z
ATA data bit 4.
45
23
30
DD5
I/O[1]
Hi-Z
ATA data bit 5.
46
24
31
DD6
I/O[1]
Hi-Z
ATA data bit 6.
47
25
32
DD7
I/O[1]
Hi-Z
ATA data bit 7. Apply a 1k pull down to GND.
48
26
33
GND
GND
Ground.
49
27
34
VCC
PWR
VCC. Connect to 3.3V power source.
50
28
35
GND
GND
Ground.
51
52
N/A
N/A
NC
NC
No connect.
53
N/A
N/A
VCC
PWR
VCC. Connect to 3.3V power source.
54
29
36
DIOW#[2]
O/Z[1]
Driven HIGH
(CMOS)
ATA control.
55
30
37
DIOR#
O/Z[1]
Driven HIGH
(CMOS)
ATA control.
56
31
38
DMACK#
O/Z[1]
Driven HIGH
(CMOS)
ATA control.
57
N/A
N/A
NC
NC
No connect.
58
N/A
N/A
LOWPWR#
O
USB suspend indicator. (See “LOWPWR#” on
page 14).
59
60
61
N/A
N/A
NC
NC
No connect.
62
N/A
N/A
VBUSPWRD
I
Input
Bus powered mode selector. (See “VBUSPWRD” on
page 14).
Table 1. AT2LP Pin Descriptions
Note: (Italic pin names denote pin functionality during CY7C68300A compatibility mode)
(continued)
100
TQFP
56
QFN
56
SSOP
Pin Name
Pin
Type
Default State
at Startup
Pin Description
[+] Feedback


Similar Part No. - CY7C68320C-56PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68320C-56PVXC CYPRESS-CY7C68320C-56PVXC Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68320C-56PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300B CYPRESS-CY7C68300B Datasheet
457Kb / 36P
   EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com