Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C201A0-LDX2I Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C201A0-LDX2I
Description  CapSense Express-10 Configurable IOs with Slider
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C201A0-LDX2I Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C201A0-LDX2I Datasheet HTML 1Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 2Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 3Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 4Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 5Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 6Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 7Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 8Page - Cypress Semiconductor CY8C201A0-LDX2I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CY8C201A0
CapSense Express™ - 10 Configurable IOs
with Slider
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
• 408-943-2600
Document Number: 001-17349 Rev. *F
Revised January 28, 2009
Features
10 configurable IOs supporting
CapSense™ slider
LED drive
Interrupt outputs
WAKE on interrupt input
User defined input or output
2.4V to 2.9V, 3.10V to 3.6V, and 4.75V to 5.25V operating
voltage
Industrial temperature range: –40°C to +85°C
I
2C slave interface for configuration
Selectable to 50 kHz, 100 kHz, and 400 kHz.
Reduce BOM cost
Internal oscillator - no external oscillators or crystal
Free development tool - no external tuning components
Low operating current
Active current: 1.5 mA
Deep Sleep current: 2.6 uA
Available in 16-pin COL and 16-pin SOIC packages
Overview
The CapSense Express™ controller allows the control of 10 IOs
configurable as one capacitive sensing slider (5 or 10
segments)[1] and the rest as buttons or GPIOs for driving LEDs
or interrupt signals based on various button conditions. The
GPIOs are also configurable for waking up the device from sleep
based on an interrupt input.
The user has the ability to configure slider, buttons, outputs, and
parameters, through specific commands sent to the I2C port. The
IOs have the flexibility of mapping to capacitive buttons and as
standard GPIO functions such as interrupt output or input, LED
drive, and digital mapping of input to output using simple logical
operations. This enables easy PCB trace routing and reduces
the PCB size and stack up. CapSense Express products are
designed for easy integration into complex products.
Architecture
The logic block diagram shows the internal architecture of
CY8C201A0.
The user can configure registers with parameters needed to
adjust the operation and sensitivity of the CapSense system.
CY8C201A0 supports a standard I2C serial communication
interface that allows the host to configure the device and to read
sensor information in real time through easy register access.
The CapSense Express Core
The CapSense Express core has a powerful configuration and
control block. It encompasses SRAM for data storage, an
interrupt controller, and sleep and watchdog timers. System
resources provide additional capability, such as a configurable
I2C slave communication interface and various system resets.
The Analog System contains the CapSense PSoC® block, which
supports capacitive sensing of up to 10 inputs.
Note
1. This part should be selected only if the design requires a slider. This part cannot be configured to work without a slider. For 10 IO requirement use CY8C20110.
[+] Feedback


Similar Part No. - CY8C201A0-LDX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C201A0-LDX2I CYPRESS-CY8C201A0-LDX2I Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0-LDX2I CYPRESS-CY8C201A0-LDX2I Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
More results

Similar Description - CY8C201A0-LDX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C201A0 CYPRESS-CY8C201A0 Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20180 CYPRESS-CY8C20180_09 Datasheet
390Kb / 16P
   CapSense Express-8 Configurable IOs
CY8C20180 CYPRESS-CY8C20180 Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142_09 Datasheet
346Kb / 15P
   CapSense Express-4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com