Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68300C-56LTXC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C68300C-56LTXC
Description  EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68300C-56LTXC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C68300C-56LTXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 12Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 13Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 14Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 15Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 16Page - Cypress Semiconductor CY7C68300C-56LTXC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
CY7C68300C, CY7C68301C
CY7C68320C, CY7C68321C
Document 001-05809 Rev. *C
Page 13 of 41
SYSIRQ
The SYSIRQ pin provides a way for systems to request service
from host software by using the USB Interrupt pipe on endpoint
1 (EP1). If the AT2LP has no pending interrupt data to return,
USB interrupt pipe data requests are NAKed. If pending data is
available, the AT2LP returns 16 bits of data. This data indicates
whether AT2LP is operating in high speed or full speed, whether
the AT2LP is reporting self-powered or bus-powered operation,
and the states of any GPIO pins that are configured as inputs.
GPIO pins can be individually set as inputs or outputs, with byte
0x09 of the configuration data. The state of any GPIO pin that is
not set as an input is reported as ‘0’ in the EP1 data.
Table 3 gives the bitmap for the data returned on the interrupt
pipe and Figure 8 depicts the latching algorithm incorporated by
the AT2LP.
The SYSIRQ pin must be pulled LOW if HID functionality is used.
Refer to “HID Functions for Button Controls” on page 15 for more
details on HID functionality.
Figure 8. SYSIRQ Latching Algorithm
Table 3. Interrupt Data Bitmap
EP1 Data Byte 1
EP1 Data Byte 0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
USB Interrupt
Pipe Polled?
Yes
No
NAK Request
SYSIRQ=1?
Latch State of IO Pins
Set Int_Data = 1
Int_Data = 1?
No
Return Interrupt Data
Set Int_Data = 0
Yes
Yes
No
Yes
Int_Data = 0
and
SYSIRQ=0?
No
[+] Feedback


Similar Part No. - CY7C68300C-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C-56LFXC CYPRESS-CY7C68300C-56LFXC Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68300C-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300B CYPRESS-CY7C68300B Datasheet
457Kb / 36P
   EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com