Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54230IRTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL54230IRTZ
Description  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230IRTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54230IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54230IRTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6825.2
May 28, 2009
HS Switch -3dB Bandwidth,
Signal = 50mVRMS, RL = 50Ω
25
-
500
-
MHz
OFF Capacitance, CNOxOFF or
CNCxOFF
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
6.2
-
pF
COM ON Capacitance, CCOMxON
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
12.5
-
pF
1
Ω Switches
Crosstalk
VDD = 3.0V, RL = 50Ω, f = 10MHz (see Figure 4)
25
-
-90
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 1MHz (see Figure 2)
25
-
55
-
dB
Switch -3dB Bandwidth
Signal = 50mVRMS, RL = 50Ω
25
-
78
-
MHz
OFF Capacitance, CNOxOFF or
CNCxOFF
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
21
-
pF
COM ON Capacitance, CCOMxON
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
61
-
pF
6
Ω Switches
Crosstalk
VDD = 3.0V, RL = 50Ω, f = 10MHz (see Figure 4)
25
-
-67
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 10MHz (see Figure 2)
25
-
50
-
dB
Switch -3dB Bandwidth
50mVRMS, RL = 50Ω
25
-
310
-
MHz
OFF Capacitance, CNOxOFF or
CNCxOFF
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
6
-
pF
COM ON Capacitance, CCOMxON
f = 1MHz, VDD = 3.0V, VOEx = VOExH, VNOx or VNCx = 0V
(see Figure 3)
25
-
15
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Positive Supply Current, IDD
VDD = 3.6V, VOEx = VINx = 0V, VNOx or VNCx = 0V,
VCOMx = 0V
25
-
1
2
µA
Full
-
1.24
-
µA
Power Supply Current, IDD
VDD = 3.6V, VLogic = 1.8V, VNOx or VNCx = 0V,
VCOMx = 0V. Driving one logic pin only.
25
-
1
-
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINLx, VOELx
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High, VINHx, VOEHx
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Current Low, IINLx, IOELx
VDD = 2.7V to 3.6V
Full
-50
20
50
nA
Input Current High, IINHx, IOEHx
VDD = 2.7V to 3.6V
Full
-2
1
2
µA
NOTES:
6. Vlogic = Input voltage to perform proper function.
7. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range
10. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NCx or NOx.
11. Limits established by characterization and are not production tested.
Electrical Specifications - 2.7V to 3.6V Supply
Test Conditions: VDD = +2.7V, GND = 0V, VINxH = 1.4V, VINxL = 0.5V,
VOExH = 1.4V, VOExL = 0.5V, (Note 6), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 7, 8) TYP
MAX
(Notes 7, 8) UNITS
ISL54230


Similar Part No. - ISL54230IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54230IRTZ RENESAS-ISL54230IRTZ Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230IRTZ-T INTERSIL-ISL54230IRTZ-T Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Renesas Technology Corp
ISL54230IRTZ-T RENESAS-ISL54230IRTZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

Similar Description - ISL54230IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com