Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68034-56LTXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C68034-56LTXC
Description  EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68034-56LTXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C68034-56LTXC Datasheet HTML 1Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 2Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 3Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68034-56LTXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CY7C68033, CY7C68034
Document #: 001-04247 Rev *F
Page 2 of 34
Default NAND Firmware Features
Because the NX2LP-Flex™ is intended for NAND Flash-based
USB mass storage applications, a default firmware image is
included in the development kit with the following features:
High (480-Mbps) or Full (12-Mbps) Speed USB Support
Both Common NAND Page Sizes Supported
512 bytes for up to 1 Gb capacity
2K bytes for up to 8 Gb capacity
12 Configurable General Purpose I/O (GPIO) Pins
2 dedicated chip enable (CE#) pins
6 configurable CE#/GPIO pins
• Up to 8 NAND Flash single-device (single-die) chips are
supported
• Up to 4 NAND Flash dual-device (dual-die) chips are sup-
ported
• Compile option enables unused CE# pins to be configured
as GPIOs
4 dedicated GPIO pins
Industry Standard ECC NAND Flash Correction
1-bit per 256-bit correction
2-bit error detection
Industry Standard (SmartMedia) Page Management for Wear
Leveling Algorithm, Bad Block Handling, and Physical to
Logical Management.
8-bit NAND Flash Interface Support
Support for 30 ns, 50 ns, and 100 ns NAND Flash Timing
Complies with the USB Mass Storage Class Specification
Revision 1.0
The default firmware image implements a USB 2.0 NAND Flash
controller. This controller adheres to the Mass Storage Class
Bulk-Only Transport Specification. The USB port of the
NX2LP-Flex is connected to a host computer directly or through
the downstream port of a USB hub. Host software issues
commands and data to the NX2LP-Flex and receives status and
data from the NX2LP-Flex using standard USB protocol.
The default firmware image supports industry leading 8-bit
NAND Flash interfaces and both common NAND page sizes of
512 and 2k bytes. Up to eight chip enable pins enable the
NX2LP-Flex to be connected to up to eight single- or four
dual-die NAND Flash chips.
Complete source code and documentation for the default
firmware image are included in the NX2LP-Flex development kit
to enable customization for meeting design requirements.
Additionally, compile options for the default firmware enable
quick configuration of some features to decrease design effort
and increase time-to-market advantages.
Overview
Cypress Semiconductor Corporation’s EZ-USB NX2LP-Flex
(CY7C68033/CY7C68034) is a firmware-based, programmable
version of the EZ-USB NX2LP
™ (CY7C68023/CY7C68024),
which is a fixed-function, low power USB 2.0 NAND Flash
controller. By integrating the USB 2.0 transceiver, serial interface
engine (SIE), enhanced 8051 microcontroller, and a program-
mable peripheral interface in a single chip, Cypress has created
a very cost-effective solution that enables feature-rich NAND
Flash-based applications.
The ingenious architecture of NX2LP-Flex results in USB data
transfer
rates
of over
53
Mbytes
per
second,
the
maximum-allowable USB 2.0 bandwidth, while still using a low
cost 8051 microcontroller in a small 56-pin QFN package.
Because it incorporates the USB 2.0 transceiver, the
NX2LP-Flex is more economical, providing a smaller footprint
solution than external USB 2.0 SIE or transceiver implementa-
tions. With EZ-USB NX2LP-Flex, the Cypress Smart SIE
handles most of the USB 1.1 and 2.0 protocol, freeing the
embedded microcontroller for application-specific functions and
decreasing development time while ensuring USB compatibility.
The General Programmable Interface (GPIF) and Master/Slave
Endpoint FIFO (8- or 16-bit data bus) provide an easy and
glueless interface to popular interfaces such as UTOPIA, EPP,
I2C, PCMCIA, and most DSP processors.
Applications
The NX2LP-Flex enables designers to add extra functionality to
basic NAND Flash mass storage designs, or to interface them
with other peripheral devices. Applications may include:
NAND Flash-based GPS devices
NAND Flash-based DVB video capture devices
Wireless pointer/presenter tools with NAND Flash storage
NAND Flash-based MPEG/TV conversion devices
Legacy conversion devices with NAND Flash storage
NAND Flash-based cameras
NAND Flash mass storage device with biometric (e.g., finger-
print) security
Home PNA devices with NAND Flash storage
Wireless LAN with NAND Flash storage
NAND Flash-based MP3 players
LAN networking with NAND Flash storage
[+] Feedback


Similar Part No. - CY7C68034-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68034-56LTXC CYPRESS-CY7C68034-56LTXC Datasheet
557Kb / 40P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
More results

Similar Description - CY7C68034-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
   USB Controller for NAND Flash
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
   USB full speed NAND flash controller
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com