Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68001-56LTXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C68001-56LTXC
Description  EZ-USB SX2 High Speed USB Interface Device
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68001-56LTXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C68001-56LTXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 12Page - Cypress Semiconductor CY7C68001-56LTXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CY7C68001
Document #: 38-08013 Rev. *J
Page 9 of 45
To send more than 64 bytes, the process is repeated. The SX2
internally stores the length of the data phase that was specified
in the wLength field (bytes 6,7) of the setup packet. To send less
than the requested amount of data, the external master writes a
packet that is less than 64 bytes, or if a multiple of 64, the
external master follows the data with a zero-length packet. When
the SX2 sees a short or zero-length packet, it completes the
setup transfer by automatically completing the handshake
phase. The SX2 does not enable more data than the wLength
field specified in the setup packet. Note: the PKTEND pin does
not apply to Endpoint 0. The only way to send a short or zero
length packet is by writing to the byte count register with the
appropriate value.
For an OUT setup transaction, the external master can read
each packet received from the USB host during the data phase.
The steps to read a packet are as follows:
1. Wait for an EP0BUF interrupt, indicating that a packet was
received from the USB host into the buffer.
2. Initiate a read request for the byte count register, 0x33. This
indicates the amount of data received from the host.
3. Initiate a read request for register 0x31.
4. Read one byte.
5. Repeat steps 3 and 4 until the number of bytes specified in
the byte count register has been read.
To receive more than 64 bytes, the process is repeated. The SX2
internally stores the length of the data phase that was specified
in the wLength field of the setup packet (bytes 6,7). When the
SX2 sees that the specified number of bytes have been received,
it completes the set up transfer by automatically completing the
handshake phase. If the external master does not wish to receive
the entire transfer, it can stall the transfer.
If the SX2 receives another setup packet before the current
transfer has completed, it interrupts the external master with
another SETUP interrupt. If the SX2 receives a setup packet with
no data phase, the external master can accept the packet and
complete the handshake phase by writing zero to the byte count
register.
The SX2 automatically responds to all USB standard requests
covered in chapter 9 of the USB 2.0 specification except the
Set/Clear Feature Endpoint requests. When the host issues a
Set Feature or a Clear feature request, the SX2 triggers a
SETUP interrupt to the external master. The USB spec requires
that the device respond to the Set endpoint feature request by
doing the following:
Set the STALL condition on that endpoint.
The USB spec requires that the device respond to the Clear
endpoint feature request by doing the following:
Reset the Data Toggle for that endpoint
Clear the STALL condition of that endpoint.
The register that is used to reset the data toggle TOGCTL
(located at XDATA location 0xE683) is not an index register that
can be addressed by the command protocol presented in
Command Protocol on page 7. The following section provides
further information on this register bits and how to reset the data
toggle accordingly using a different set of command protocol
sequence.
7.1 Resetting Data Toggle
Table 7-1. Bit definition of the TOGCTL register
Bit 7: Q, Data Toggle Value
Q=0 indicates DATA0 and Q=1 indicates DATA1, for the endpoint
selected by the I/O and EP3:0 bits. Write the endpoint select bits
(IO and EP3:0), before reading this value.
Bit 6: S, Set Data Toggle to DATA1
After selecting the desired endpoint by writing the endpoint select
bits (IO and EP3:0), set S=1 to set the data toggle to DATA1. The
endpoint selection bits should not be changed while this bit is
written.
Bit 5: R, Set Data Toggle to DATA0
Set R=1 to set the data toggle to DATA0. The endpoint selection
bits should not be changed while this bit is written.
Bit 4: IO, Select IN or OUT Endpoint
Set this bit to select an endpoint direction prior to setting its R or
S bit. IO=0 selects an OUT endpoint, IO = 1 selects an IN
endpoint.
Bit 3-0: EP3:0, Select Endpoint
Set these bits to select an endpoint prior to setting its R or S bit.
Valid values are 0, 1, 2, 6, and 8.
TOGCTL
0xE683
Bit #
7
6
5
4
3
2
1
0
Bit Name
Q
S
R
I/O
EP3
EP2
EP1
EP0
Read/Write
R
W
W
R/W
R/W
R/W
R/W
R/W
Default
00
1
1
0
0
1
0
[+] Feedback


Similar Part No. - CY7C68001-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68001-56LFC CYPRESS-CY7C68001-56LFC Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68001-56LFC CYPRESS-CY7C68001-56LFC Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68001-56LFXC CYPRESS-CY7C68001-56LFXC Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68001-56LFXC CYPRESS-CY7C68001-56LFXC Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
More results

Similar Description - CY7C68001-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001 Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68001 CYPRESS-CY7C68001_05 Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713 Datasheet
1Mb / 55P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com