Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2577KV18-500BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C2577KV18-500BZC
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2577KV18-500BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C2577KV18-500BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2577KV18-500BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
72-Mbit DDR-II+ SRAM 2-Word Burst
Architecture (2.5 Cycle Read Latency) with ODT
PRELIMINARY
CY7C2566KV18, CY7C2577KV18
CY7C2568KV18, CY7C2570KV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-15889 Rev. *D
Revised April 24, 2009
Features
72-Mbit density (8M x 8, 8M x 9, 4M x 18, 2M x 36)
550 MHz clock for high bandwidth
2-word burst for reducing address bus frequency
Double Data Rate (DDR) interfaces
(data transferred at 1100 MHz) at 550 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-Die Termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Synchronous internally self-timed writes
DDR-II+ operates with 2.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to DDR-I device with 1 cycle read latency
when DOFF is asserted LOW
Core VDD = 1.8V ± 0.1V; IO VDDQ = 1.4V to VDD
[1]
Supports both 1.5V and 1.8V IO supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-Ball FBGA package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase Locked Loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C2566KV18 – 8M x 8
CY7C2577KV18 – 8M x 9
CY7C2568KV18 – 4M x 18
CY7C2570KV18 – 2M x 36
Functional Description
The CY7C2566KV18, CY7C2577KV18, CY7C2568KV18, and
CY7C2570KV18 are 1.8V Synchronous Pipelined SRAMs
equipped with DDR-II+ architecture. The DDR-II+ consists of an
SRAM core with advanced synchronous peripheral circuitry.
Addresses for read and write are latched on alternate rising
edges of the input (K) clock. Write data is registered on the rising
edges of both K and K. Read data is driven on the rising edges
of K and K. Each address location is associated with two 8-bit
words (CY7C2566KV18), 9-bit words (CY7C2577KV18), 18-bit
words (CY7C2568KV18), or 36-bit words (CY7C2570KV18) that
burst sequentially into or out of the device.
These devices have an On-Die Termination feature supported
for D[x:0], BWS[x:0], and K/K inputs, which helps eliminate
external termination resistors, reduce cost, reduce board area,
and simplify board routing.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Table 1. Selection Guide
Description
550 MHz
500 MHz
450 MHz
400 MHz
Unit
Maximum Operating Frequency
550
500
450
400
MHz
Maximum Operating Current
x8
740
690
630
580
mA
x9
740
690
630
580
x18
760
700
650
590
x36
970
890
820
750
Note
1. The Cypress QDR-II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4V to VDD.
[+] Feedback


Similar Part No. - CY7C2577KV18-500BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25702KV18-400BZC CYPRESS-CY7C25702KV18-400BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-450BZC CYPRESS-CY7C25702KV18-450BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-500BZC CYPRESS-CY7C25702KV18-500BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-500BZXC CYPRESS-CY7C25702KV18-500BZXC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-550BZXC CYPRESS-CY7C25702KV18-550BZXC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2577KV18-500BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com