Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1512AV18-167BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1512AV18-167BZC
Description  72-Mbit QDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1512AV18-167BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1512AV18-167BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1512AV18-167BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
72-Mbit QDR™-II SRAM 2-Word
Burst Architecture
CY7C1510AV18, CY7C1525AV18
CY7C1512AV18, CY7C1514AV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06984 Rev. *D
Revised June 14, 2008
Features
Separate independent read and write data ports
Supports concurrent transactions
250 MHz clock for high bandwidth
2-word burst on all accesses
Double Data Rate (DDR) interfaces on both read and write ports
(data transferred at 500 MHz) at 250 MHz
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Two input clocks for output data (C and C) to minimize clock
skew and flight time mismatches
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Single multiplexed address input bus latches address inputs
for both read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR-II operates with 1.5 cycle read latency when Delay Lock
Loop (DLL) is enabled
Operates as a QDR-I device with 1 cycle read latency in DLL
off mode
Available in x 8, x 9, x 18, and x 36 configurations
Full data coherency, providing most current data
Core VDD = 1.8V (±0.1V); IO VDDQ = 1.4V to VDD
Available in 165-Ball FBGA package (15 x 17 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
Variable drive HSTL output buffers
JTAG 1149.1 compatible test access port
Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1510AV18 – 8M x 8
CY7C1525AV18 – 8M x 9
CY7C1512AV18 – 4M x 18
CY7C1514AV18 – 2M x 36
Functional Description
The CY7C1510AV18, CY7C1525AV18, CY7C1512AV18, and
CY7C1514AV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR™-II architecture. QDR-II architecture
consists of two separate ports: the read port and the write port to
access the memory array. The read port has dedicated data
outputs to support read operations and the write port has
dedicated data inputs to support write operations. QDR-II archi-
tecture has separate data inputs and data outputs to completely
eliminate the need to “turn-around” the data bus that exists with
common IO devices. Access to each port is through a common
address bus. Addresses for read and write addresses are
latched on alternate rising edges of the input (K) clock. Accesses
to the QDR-II read and write ports are completely independent
of one another. To maximize data throughput, both read and write
ports are equipped with DDR interfaces. Each address location
is associated with two 8-bit words (CY7C1510AV18), 9-bit words
(CY7C1525AV18), 18-bit words (CY7C1512AV18), or 36-bit
words (CY7C1514AV18) that burst sequentially into or out of the
device. Because data can be transferred into and out of the
device on every rising edge of both input clocks (K and K and C
and C), memory bandwidth is maximized while simplifying
system design by eliminating bus turn-arounds.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
250
200
167
MHz
Maximum Operating Current
x8
850
750
700
mA
x9
850
750
700
x18
900
800
750
x36
1100
900
800
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1512AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1512AV18-167BZC CYPRESS-CY7C1512AV18-167BZC Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1512AV18-167BZC CYPRESS-CY7C1512AV18-167BZC Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1512AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com