Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64316-16LKXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C64316-16LKXC
Description  enCoRe V Full Speed USB Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64316-16LKXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C64316-16LKXC Datasheet HTML 1Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 2Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 3Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 4Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C6431x
CY7C64345, CY7C6435x
Document Number: 001-12394 Rev *G
Page 5 of 28
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this
document.
Units of Measure
A units of measure table is located in the Electrical Specifications
section. Table 7 on page 13 lists all the abbreviations used to
measure the enCoRe V devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended
lowercase
‘b’
(for
example,
01010100b’
or
‘01000011b’). Numbers not indicated by an ‘h’, ‘b’, or 0x are
decimal.
Acronym
Description
API
application programming interface
CPU
central processing unit
GPIO
general purpose IO
ICE
in-circuit emulator
ILO
internal low speed oscillator
IMO
internal main oscillator
IO
input/output
LSb
least significant bit
LVD
low voltage detect
MSb
most significant bit
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
SLIMO
slow IMO
SRAM
static random access memory
[+] Feedback


Similar Part No. - CY7C64316-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64316-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com