Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64315-16LKXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C64315-16LKXC
Description  enCoRe V Full Speed USB Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64315-16LKXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C64315-16LKXC Datasheet HTML 1Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 2Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 3Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 4Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CY7C6431x
CY7C64345, CY7C6435x
enCoRe™ V Full Speed USB Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-12394 Rev *G
Revised January 30, 2009
Features
Powerful Harvard Architecture Processor
M8C processor speeds running up to 24 MHz
Low power at high processing speeds
Interrupt controller
3.0V to 5.5V operating voltage without USB
Operating voltage with USB enabled:
• 3.15 to 3.45V when supply voltage is around 3.3V
• 4.35 to 5.25V when supply voltage is around 5.0V
Temperature range: 0°C to 70°C
Flexible On-Chip Memory
Up to 32K Flash program storage
• 50,000 erase and write cycles
• Flexible protection modes
Up to 2048 bytes SRAM data storage
In-System Serial Programming (ISSP)
Complete Development Tools
Free development tool (PSoC Designer™)
Full featured, in-circuit emulator and programmer
Full speed emulation
Complex breakpoint structure
128K trace memory
Precision, Programmable Clocking
Crystal-less oscillator with support for an external crystal or
resonator
Internal ±5.0% 6, 12, or 24 MHz main oscillator
• 0.25% accuracy with Oscillator Lock to USB data, no
external components required
• Internal low speed oscillator at 32 kHz for watchdog and
sleep. The frequency range is 19 to 50 kHz with a 32 kHz
typical value
Programmable Pin Configurations
25 mA sink current on all GPIO
Pull Up, High Z, Open Drain, CMOS drive modes on all GPIO
Configurable inputs on all GPIO
Low dropout voltage regulator for Port 1 pins. Programmable
to output 3.0, 2.5, or 1.8V at the I/O pins
Selectable, regulated digital I/O on Port 1
• Configurable input threshold for Port 1
• 3.0V, 20 mA total Port 1 source current
• Hot-swappable
5 mA strong drive mode on Ports 0 and 1
Full-Speed USB (12 Mbps)
Eight unidirectional endpoints
One bidirectional control endpoint
USB 2.0 compliant
Dedicated 512 bytes buffer
No external crystal required
Additional System Resources
Configurable communication speeds
I
2C slave
• Selectable to 50 kHz, 100 kHz, or 400 kHz
• Implementation requires no clock stretching
• Implementation during sleep modes with less than 100
μA
• Hardware address detection
SPI master and SPI slave
• Configurable between 93.75 kHz and 12 MHz
Three 16-bit timers
8-bit ADC used to monitor battery voltage or other signals -
with external components
Watchdog and sleep timers
Integrated supervisory circuit
System Bus
6/12/24 MHz Internal Main Oscillator
CPU Core
(M8C)
SROM
Flash 32K
SYSTEM RESOURCES
I2C Slave/SPI
Master-Slave
POR and LVD
System Resets
Port 1
Port 0
Sleep and
Watchdog
Full
Speed
USB
Port 3
Port 2
Prog. LDO
SRAM
2048 Bytes
Interrupt
Controller
enCoRe V
CORE
3 16-Bit
Timers
Port 4
enCoRe V Block Diagram
[+] Feedback


Similar Part No. - CY7C64315-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64315-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com