Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28236FUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28236FUZ
Description  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28236FUZ Datasheet HTML 2Page - Intersil Corporation ISL28236FUZ Datasheet HTML 3Page - Intersil Corporation ISL28236FUZ Datasheet HTML 4Page - Intersil Corporation ISL28236FUZ Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ Datasheet HTML 9Page - Intersil Corporation ISL28236FUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6921.0
June 18, 2009
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT NOISE VOLTAGE 0.1Hz TO 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. SUPPLY CURRENT vs TEMPERATURE vs
SUPPLY VOLTAGE
FIGURE 18. NEGATIVE SUPPLY CURRENT vs
TEMPERATURE, V+, V- = ±2.5V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
123
45
6789
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 10, Rf = 100k
AV = 10000
CL = 16.3pF
TIME (µs)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
0
10
203040
50
607080
V+, V- = ±2.5V
RL = 1k and 10k
AV = 2
VOUT = 4VP-P
CL = 4pF
TIME (µs)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V+, V- = ±1.2V AND ±2.5V
CL = 4pF
AV = 1
RL = 1k and 10k
VOUT = 100mVP-P
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VS = ±2.5V
VS = ±2.875V
VS = ±1.5V
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
MIN
MEDIAN
MAX
ISL28236


Similar Part No. - ISL28236FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28236FUZ INTERSIL-ISL28236FUZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FUZ RENESAS-ISL28236FUZ Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FUZ-T7 INTERSIL-ISL28236FUZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FUZ-T7 RENESAS-ISL28236FUZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FUZ-T7A INTERSIL-ISL28236FUZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results

Similar Description - ISL28236FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com