Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28236FBZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28236FBZ-T7
Description  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FBZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28236FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28236FBZ-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6921.0
June 18, 2009
Applications Information
Introduction
The ISL28236 is a dual channel Bi-CMOS rail-to-rail input,
output (RRIO) micropower precision operational amplifier.
The part is designed to operate from single supply (2.4V to
5.5V) or dual supply (±1.2V to ±2.75V). The ISL28236 has
an input common mode range that extends 0.25V above the
positive rail and down to the negative supply rail. The output
operation can swing within about 3mV of the supply rails with
a 100k
Ω load.
Rail-to-Rail Input
Many rail-to-rail input stages use two differential input pairs,
a long-tail PNP (or PFET) and an NPN (or NFET). Severe
penalties have to be paid for this circuit topology. As the
input signal moves from one supply rail to another, the
operational amplifier switches from one input pair to the
other. Thus causing drastic changes in input offset voltage
and an undesired change in magnitude and polarity of input
offset current.
The ISL28236 solves this problem using an internal
charge-pump to provide a voltage boost to the V+ supply rail
driving the input differential pair. This results in extending the
input common voltage rails to 0.25V beyond the V+ positive
rail. The input offset voltage exhibits a smooth behavior
throughout the extended common-mode input range. The
input bias current versus the common-mode voltage range
gives an undistorted behavior from the negative rail to 0.25V
higher than the positive rail.
Power Supply Decoupling
The internal charge pump operates at approximately 27MHz
and oscillator ripple doesn’t show up in the 5MHz bandwidth
of the amplifier. Good power supply decoupling with 0.01µF
capacitors at each device power supply pin, is the most
effective way to reduce oscillator ripple at the amplifier
output. Figure 36 shows the electrical connection of these
capacitors using split power supplies. For single supply
operation with V- tied to a ground plane, only a single 0.01µF
capacitor from V+ is needed. When multiple ISL28236
op amps are used on a single PC board, each op amp will
require a 0.01µF decoupling capacitor at each supply pin
Rail-to-Rail Output
The rail-rail output stage uses CMOS devices that typically
swing to within 3mV of the supply rails with a 100k
Ω load.
The NMOS sinks current to swing the output in the negative
direction. The PMOS sources current to swing the output in the
positive direction.
Pin Descriptions
ISL28236
(8 Ld SOIC)
(8 Ld MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
2 (A)
6 (B)
IN-
IN-_A
IN-_B
inverting input
Circuit 1
3 (A)
5 (B)
IN+
IN+_A
IN+_B
Non-inverting input
See Circuit 1
4
V-
Negative supply
Circuit 2
1 (A)
7 (B)
OUT
OUT_A
OUT_B
Output
Circuit 3
8
V+
Positive supply
See Circuit 2
IN+
IN-
V+
V-
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
V+
V-
OUT
ISL28236


Similar Part No. - ISL28236FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FBZ-T7 RENESAS-ISL28236FBZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ-T7A INTERSIL-ISL28236FBZ-T7A Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236FBZ-T7A RENESAS-ISL28236FBZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Similar Description - ISL28236FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com