Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63231A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C63231A
Description  Low-speed USB Peripheral Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63231A Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C63231A Datasheet HTML 1Page - Cypress Semiconductor CY7C63231A Datasheet HTML 2Page - Cypress Semiconductor CY7C63231A Datasheet HTML 3Page - Cypress Semiconductor CY7C63231A Datasheet HTML 4Page - Cypress Semiconductor CY7C63231A Datasheet HTML 5Page - Cypress Semiconductor CY7C63231A Datasheet HTML 6Page - Cypress Semiconductor CY7C63231A Datasheet HTML 7Page - Cypress Semiconductor CY7C63231A Datasheet HTML 8Page - Cypress Semiconductor CY7C63231A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
FOR
FOR
enCoRe™ USB
CY7C63221/31A
Document #: 38-08028 Rev. *B
Page 5 of 50
1.0
Features
• enCoRe™ USB - enhanced Component Reduction
— Internal oscillator eliminates the need for an external crystal or resonator
— Interface can auto-configure to operate as PS/2 or USB without the need for external components to switch between
modes (no GPIO pins needed to manage dual mode capability)
— Internal 3.3V regulator for USB pull-up resistor
— Configurable GPIO for real-world interface without external components
• Flexible, cost-effective solution for applications that combine PS/2 and low-speed USB, such as mice, gamepads,
joysticks, and many others
• USB Specification Compliance
— Conforms to USB Specification, Version 2.0
— Conforms to USB HID Specification, Version 1.1
— Supports 1 low-speed USB device address
— Supports 1 control endpoint and 1 data endpoint
— Integrated USB transceiver
— 3.3V regulated output for USB pull-up resistor
• 8-bit RISC microcontroller
— Harvard architecture
— 6-MHz external ceramic resonator or internal clock mode
— 12-MHz internal CPU clock
— Internal memory
— 96 bytes of RAM
— 3 Kbytes of EPROM
— Interface can auto-configure to operate as PS/2 or USB
— No external components for switching between PS/2 and USB modes
• I/O ports
— Up to 10 versatile General Purpose I/O (GPIO) pins, individually configurable
— High current drive on any GPIO pin: 50 mA/pin current sink
— Each GPIO pin supports high-impedance inputs, internal pull-ups, open drain outputs, or traditional CMOS outputs
— Maskable interrupts on all I/O pins
— XTALIN, XTALOUT and VREG can be configured as additional input pins
• Internal low-power wake-up timer during suspend mode
— Periodic wake-up with no external components
• Optional 6-MHz internal oscillator mode
— Allows fast start-up from suspend mode
• Watchdog timer (WDT)
• Low-voltage Reset at 3.75V
• Internal brown-out reset for suspend mode
• Improved output drivers to reduce EMI
• Operating voltage from 4.0V to 5.5VDC
• Operating temperature from 0 to 70 degrees Celsius
• available in DIE form or 16-pin PDIP
• available in 18-pin SOIC, 18-pin PDIP
• Industry-standard programmer support
[+] Feedback


Similar Part No. - CY7C63231A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63231A CYPRESS-CY7C63231A Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63231A-PC CYPRESS-CY7C63231A-PC Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C63231A-PXC CYPRESS-CY7C63231A-PXC Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C63231A-SC CYPRESS-CY7C63231A-SC Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63231A-SC CYPRESS-CY7C63231A-SC Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
More results

Similar Description - CY7C63231A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com