Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63221 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C63221
Description  Low-speed USB Peripheral Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63221 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C63221 Datasheet HTML 6Page - Cypress Semiconductor CY7C63221 Datasheet HTML 7Page - Cypress Semiconductor CY7C63221 Datasheet HTML 8Page - Cypress Semiconductor CY7C63221 Datasheet HTML 9Page - Cypress Semiconductor CY7C63221 Datasheet HTML 10Page - Cypress Semiconductor CY7C63221 Datasheet HTML 11Page - Cypress Semiconductor CY7C63221 Datasheet HTML 12Page - Cypress Semiconductor CY7C63221 Datasheet HTML 13Page - Cypress Semiconductor CY7C63221 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
FOR
FOR
enCoRe™ USB
CY7C63221/31A
Document #: 38-08028 Rev. *B
Page 10 of 50
7.0
Instruction Set Summary
Refer to the CYASM Assembler User’s Guide for detailed information on these instructions. Note that conditional jump instructions
(i.e. JC, JNC, JZ, JNZ) take 5 cycles if jump is taken, 4 cycles if no jump.
MNEMONIC
Operand
Opcode
Cycles
MNEMONIC
Operand
Opcode
Cycles
HALT
00
7
NOP
20
4
ADD A,expr
data
01
4
INC A
acc
21
4
ADD A,[expr]
direct
02
6
INC X
x
22
4
ADD A,[X+expr]
index
03
7
INC [expr]
direct
23
7
ADC A,expr
data
04
4
INC [X+expr]
index
24
8
ADC A,[expr]
direct
05
6
DEC A
acc
25
4
ADC A,[X+expr]
index
06
7
DEC X
x
26
4
SUB A,expr
data
07
4
DEC [expr]
direct
27
7
SUB A,[expr]
direct
08
6
DEC [X+expr]
index
28
8
SUB A,[X+expr]
index
09
7
IORD expr
address
29
5
SBB A,expr
data
0A
4
IOWR expr
address
2A
5
SBB A,[expr]
direct
0B
6
POP A
2B
4
SBB A,[X+expr]
index
0C
7
POP X
2C
4
OR A,expr
data
0D
4
PUSH A
2D
5
OR A,[expr]
direct
0E
6
PUSH X
2E
5
OR A,[X+expr]
index
0F
7
SWAP A,X
2F
5
AND A,expr
data
10
4
SWAP A,DSP
30
5
AND A,[expr]
direct
11
6
MOV [expr],A
direct
31
5
AND A,[X+expr]
index
12
7
MOV [X+expr],A
index
32
6
XOR A,expr
data
13
4
OR [expr],A
direct
33
7
XOR A,[expr]
direct
14
6
OR [X+expr],A
index
34
8
XOR A,[X+expr]
index
15
7
AND [expr],A
direct
35
7
CMP A,expr
data
16
5
AND [X+expr],A
index
36
8
CMP A,[expr]
direct
17
7
XOR [expr],A
direct
37
7
CMP A,[X+expr]
index
18
8
XOR [X+expr],A
index
38
8
MOV A,expr
data
19
4
IOWX [X+expr]
index
39
6
MOV A,[expr]
direct
1A
5
CPL
3A
4
MOV A,[X+expr]
index
1B
6
ASL
3B
4
MOV X,expr
data
1C
4
ASR
3C
4
MOV X,[expr]
direct
1D
5
RLC
3D
4
reserved
1E
RRC
3E
4
XPAGE
1F
4
RET
3F
8
MOV A,X
40
4
DI
70
4
MOV X,A
41
4
EI
72
4
MOV PSP,A
60
4
RETI
73
8
CALL
addr
50 - 5F
10
JMP
addr
80-8F
5
JC
addr
C0-CF
5 (or 4)
CALL
addr
90-9F
10
JNC
addr
D0-DF
5 (or 4)
JZ
addr
A0-AF
5 (or 4)
JACC
addr
E0-EF
7
JNZ
addr
B0-BF
5 (or 4)
INDEX
addr
F0-FF
14
[+] Feedback


Similar Part No. - CY7C63221

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221 CYPRESS-CY7C63221 Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A-PC CYPRESS-CY7C63221A-PC Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63221A-PC CYPRESS-CY7C63221A-PC Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
More results

Similar Description - CY7C63221

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com