Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C60323-PVXCT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C60323-PVXCT
Description  enCoRe III Low Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C60323-PVXCT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C60323-PVXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 12Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 13Page - Cypress Semiconductor CY7C60323-PVXCT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CY7C603xx
Document #: 38-16018 Rev. *F
Page 10 of 30
Register Reference
This section lists the registers of the enCoRe III LV device. For
detailed register information, refer the PSoC System-on-Chip
Technical Reference Manual.
Register Conventions
The register conventions specific to this section are listed in
Table 5.
Register Mapping Tables
The enCoRe III LV device has a total register address space of
512 bytes. The register space is referred to as IO space and is
divided into two banks. The XOI bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XOI bit
is set the user is in Bank 1.
Note In the following register mapping tables, blank fields are
Reserved and must not be accessed.
Table 5. Register Conventions
Convention
Description
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
Table 6. Register Map 0 Table: User Space
Name
Addr
(0,Hex) Access
Name
Addr
(0,Hex)
Access
Name
Addr
(0,Hex)
Access
Name
Addr
(0,Hex)
Access
PRT0DR
00
RW
40
ASE10CR0
80
RW
C0
PRT0IE
01
RW
41
81
C1
PRT0GS
02
RW
42
82
C2
PRT0DM2
03
RW
43
83
C3
PRT1DR
04
RW
44
ASE11CR0
84
RW
C4
PRT1IE
05
RW
45
85
C5
PRT1GS
06
RW
46
86
C6
PRT1DM2
07
RW
47
87
C7
PRT2DR
08
RW
48
88
C8
PRT2IE
09
RW
49
89
C9
PRT2GS
0A
RW
4A
8A
CA
PRT2DM2
0B
RW
4B
8B
CB
PRT3DR
0C
RW
4C
8C
CC
PRT3IE
0D
RW
4D
8D
CD
PRT3GS
0E
RW
4E
8E
CE
PRT3DM2
0F
RW
4F
8F
CF
10
50
90
CUR_PP
D0
RW
11
51
91
STK_PP
D1
RW
12
52
92
D2
13
53
93
IDX_PP
D3
RW
14
54
94
MVR_PP
D4
RW
15
55
95
MVW_PP
D5
RW
16
56
96
I2C_CFG
D6
RW
17
57
97
I2C_SCR
D7
#
18
58
98
I2C_DR
D8
RW
19
59
99
I2C_MSCR
D9
#
1A
5A
9A
INT_CLR0
DA
RW
1B
5B
9B
INT_CLR1
DB
RW
1C
5C
9C
DC
Blank fields are Reserved and must not be accessed.
# Access is bit specific.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C60323-PVXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C60323-PVXCT CYPRESS-CY7C60323-PVXCT Datasheet
432Kb / 29P
   enCoRe??III Low Voltage
CY7C60323-PVXCT CYPRESS-CY7C60323-PVXCT Datasheet
822Kb / 31P
   enCoRe??III Low Voltage
CY7C60323-PVXCT CYPRESS-CY7C60323-PVXCT Datasheet
1Mb / 39P
   enCoRe??III Low Voltage
CY7C60323-PVXCT CYPRESS-CY7C60323-PVXCT Datasheet
451Kb / 39P
   enCoRe??III Low Voltage Wireless presenter tools
More results

Similar Description - CY7C60323-PVXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C603XX CYPRESS-CY7C603XX Datasheet
432Kb / 29P
   enCoRe??III Low Voltage
CY7C603XX CYPRESS-CY7C603XX_11 Datasheet
1Mb / 39P
   enCoRe??III Low Voltage
CY7C603XX CYPRESS-CY7C603XX_08 Datasheet
822Kb / 31P
   enCoRe??III Low Voltage
CY7C603XX_1107 CYPRESS-CY7C603XX_1107 Datasheet
451Kb / 39P
   enCoRe??III Low Voltage Wireless presenter tools
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX_13 Datasheet
887Kb / 38P
   enCoRe??V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_08 Datasheet
1Mb / 67P
   enCoRe??II Low Voltage Microcontroller
CY7C60445_0810 CYPRESS-CY7C60445_0810 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com