Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4255-15AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C4255-15AXC
Description  8K/16K x 18 Deep Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255-15AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C4255-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C4255-15AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CY7C4255, CY7C4265, CY7C4265A
Document #: 38-06004 Rev. *E
Page 11 of 23
Figure 11. Programmable Almost Empty Flag Timing (applies only in SMODE (SMODE is LOW))
Figure 12. Programmable Almost Full Flag Timing
Notes
22. PAE offset
− n.
23. tSKEW3 is the minimum time between a rising WCLK and a rising RCLK edge for PAE to change state during that clock cycle. If the time between the edge of
WCLK and the rising RCLK is less than tSKEW3, then PAE may not change state until the next RCLK.
24. If a read is preformed on this rising edge of the read clock, there are Empty + (n
−1) words in the FIFO when PAE goes LOW.
25. PAF offset = m. Number of data words written into FIFO already = 8192
− (m + 1) for the CY7C4255 and 16384 − (m + 1) for the CY7C4265/65A.
26. PAF is offset = m.
27. 8192
− m words in CY7C4255 and 16384 – m words in CY7C4265/65A.
28. 8192
− (m + 1) words in CY7C4255 and 16384 – (m + 1) CY7C4265/65A.
Switching Waveforms (continued)
Note
tENH
WCLK
PAE
RCLK
tCLKH
tENS
tCLKL
tENS
tPAE synch
N + 1 WORDS
INFIFO
tENH
tENS
tENH
tENS
tPAE synch
REN
WEN
WEN2
tSKEW3
Note
[23]
22
24
Note
tENH
WEN
WCLK
PAF
REN
RCLK
tCLKH
tPAF
tENS
tCLKL
tENS
tPAF
FULL– M WORDS
INFIFO
FULL– (M+1) WORDS
IN FIFO
[28]
[27]
25
[26]
[+] Feedback
[+] Feedback


Similar Part No. - CY7C4255-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255-15AXC CYPRESS-CY7C4255-15AXC Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results

Similar Description - CY7C4255-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com