Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4255 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C4255
Description  8K/16K x 18 Deep Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C4255_09 Datasheet HTML 1Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 2Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C4255_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY7C4255, CY7C4265, CY7C4265A
Document #: 38-06004 Rev. *E
Page 3 of 23
Table 3. Pin Definitions
Signal Name
Description
I/O
Function
D0 –17
Data Inputs
I
Data inputs for an 18-bit bus.
Q0–17
Data Outputs
O Data outputs for an 18-bit bus.
WEN
Write Enable
I
Enables the WCLK input.
REN
Read Enable
I
Enables the RCLK input.
WCLK
Write Clock
I
The rising edge clocks data into the FIFO when WEN is LOW and the FIFO is not Full.
When LD is asserted, WCLK writes data into the programmable flag-offset register.
RCLK
Read Clock
I
The rising edge clocks data out of the FIFO when REN is LOW and the FIFO is not
Empty. When LD is asserted, RCLK reads data out of the programmable flag-offset
register.
WXO/HF
Write Expansion
Out/Half Full Flag
O Dual-Mode Pin:
Single device or width expansion – Half Full status flag.
Cascaded – Write Expansion Out signal, connected to WXI of next device.
EF
Empty Flag
O When EF is LOW, the FIFO is empty. EF is synchronized to RCLK.
FF
Full Flag
O When FF is LOW, the FIFO is full. FF is synchronized to WCLK.
PAE
Programmable
Almost Empty
O When PAE is LOW, the FIFO is almost empty based on the almost-empty offset value
programmed into the FIFO. PAE is asynchronous when VCC/SMODE is tied to VCC; it
is synchronized to RCLK when VCC/SMODE is tied to VSS.
PAF
Programmable
Almost Full
O When PAF is LOW, the FIFO is almost full based on the almost full offset value
programmed into the FIFO. PAF is asynchronous when VCC/SMODE is tied to VCC; it
is synchronized to WCLK when VCC/SMODE is tied to VSS.
LD
Load
I
When LD is LOW, D0–17 (Q0–17) are written (read) into (from) the program-
mable-flag-offset register.
FL/RT
First Load/
Retransmit
I
Dual-Mode Pin:
Cascaded – The first device in the daisy chain has FL tied to VSS; all other devices
has FL tied to VCC. In standard mode or width expansion, FL is tied to VSS on all
devices.
Not Cascaded – Tied to VSS. Retransmit function is also available in stand-alone mode
by strobing RT.
WXI
Write Expansion
Input
I
Cascaded – Connected to WXO of previous device.
Not Cascaded – Tied to VSS.
RXI
Read Expansion
Input
I
Cascaded – Connected to RXO of previous device.
Not Cascaded – Tied to VSS.
RXO
Read Expansion
Output
O Cascaded – Connected to RXI of next device.
RS
Reset
I
Resets device to empty condition. A reset is required before an initial read or write
operation after power up.
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are connected.
If OE is HIGH, the FIFO’s outputs are in High Z (high-impedance) state.
VCC/SMODE Synchronous
Almost Empty/
Almost Full Flags
I
Dual-Mode Pin:
Asynchronous Almost Empty/Almost Full flags – tied to VCC.
Synchronous Almost Empty/Almost Full flags – tied to VSS.
(Almost Empty synchronized to RCLK, Almost Full synchronized to WCLK.)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C4255_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results

Similar Description - CY7C4255_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com