Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1425JV18-250BZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1425JV18-250BZXI
Description  36-Mbit QDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1425JV18-250BZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1425JV18-250BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1425JV18-250BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
36-Mbit QDR™-II SRAM 2-Word
Burst Architecture
CY7C1410JV18, CY7C1425JV18
CY7C1412JV18, CY7C1414JV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-12561 Rev. *F
Revised July 31, 2009
Features
Separate Independent Read and Write Data Ports
Supports concurrent transactions
267 MHz Clock for High Bandwidth
2-word Burst on all Accesses
Double Data Rate (DDR) Interfaces on both Read and Write
Ports (data transferred at 534 MHz) at 267 MHz
Two Input Clocks (K and K) for Precise DDR Timing
SRAM uses rising edges only
Two Input Clocks for Output Data (C and C) to Minimize Clock
Skew and Flight Time Mismatches
Echo Clocks (CQ and CQ) Simplify Data Capture in High Speed
Systems
Single Multiplexed Address Input Bus latches Address Inputs
for both Read and Write Ports
Separate Port Selects for Depth Expansion
Synchronous Internally Self-timed Writes
QDR™-II operates with 1.5 Cycle Read latency when Delay
Lock Loop (DLL) is enabled
Operates like a QDR-I device with 1 Cycle Read Latency in
DLL Off Mode
Available in x8, x9, x18, and x36 configurations
Full Data Coherency, providing most Current Data
Core VDD = 1.8V (±0.1V); I/O VDDQ = 1.4V to VDD
Available in 165-Ball FBGA Package (15 x 17 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
Variable Drive HSTL Output Buffers
JTAG 1149.1 Compatible Test Access Port
Delay Lock Loop (DLL) for Accurate Data Placement
Configurations
CY7C1410JV18 – 4M x 8
CY7C1425JV18 – 4M x 9
CY7C1412JV18 – 2M x 18
CY7C1414JV18 – 1M x 36
Functional Description
The CY7C1410JV18, CY7C1425JV18, CY7C1412JV18, and
CY7C1414JV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR-II architecture. QDR-II architecture consists
of two separate ports: the read port and the write port, to access
the memory array. The read port has data outputs to support read
operations and the write port has data inputs to support write
operations. QDR-II architecture has separate data inputs and
data outputs to eliminate the need to ‘turnaround’ the data bus
required with common I/O devices. Access to each port is
accomplished through a common address bus. The read
address is latched on the rising edge of the K clock and the write
address is latched on the rising edge of the K clock. Accesses to
the QDR-II read and write ports are completely independent of
one another. To maximize data throughput, both read and write
ports are provided with DDR interfaces. Each address location
is associated with two 8-bit words (CY7C1410JV18), 9-bit words
(CY7C1425JV18), 18-bit words (CY7C1412JV18), or 36-bit
words (CY7C1414JV18) that burst sequentially into or out of the
device. Because data is transferred into and out of the device on
every rising edge of both input clocks (K and K and C and C),
memory bandwidth is maximized while simplifying system
design by eliminating bus ‘turnarounds’.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
267 MHz
250 MHz
Unit
Maximum Operating Frequency
267
250
MHz
Maximum Operating Current
x8
1330
1200
mA
x9
1330
1200
x18
1370
1230
x36
1460
1290
[+] Feedback


Similar Part No. - CY7C1425JV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425JV18-250BZXI CYPRESS-CY7C1425JV18-250BZXI Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1425JV18-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com