Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420BIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6420BIRZ
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420BIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6420BIRZ Datasheet HTML 1Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 2Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6901.0
ISL6420B
Advanced Single Synchronous Buck
Pulse-Width Modulation (PWM) Controller
The ISL6420B simplifies the implementation of a complete
control and protection scheme for a high-performance
DC/DC buck converter. It is designed to drive N-channel
MOSFETs in a synchronous rectified buck topology, the
ISL6420B integrates control, output adjustment, monitoring
and protection functions into a single package. Additionally,
the IC features an external reference voltage tracking mode
for externally referenced buck converter applications and
DDR termination supplies, as well as a voltage margining
mode for system testing in networking DC/DC converter
applications.
The ISL6420B provides simple, single feedback loop,
voltage mode control with fast transient response. The
output voltage of the converter can be precisely regulated to
as low as 0.6V.
The operating frequency is fully adjustable from 100kHz to
1.4MHz. High frequency operation offers cost and space
savings.
The error amplifier features a 15MHz gain-bandwidth
product and 6V/µs slew rate that enables high converter
bandwidth for fast transient response. The PWM duty cycle
ranges from 0% to 100% in transient conditions. Selecting
the capacitor value from the ENSS pin to ground sets a fully
adjustable PWM soft-start. Pulling the ENSS pin LOW
disables the controller.
The ISL6420B monitors the output voltage and generates a
PGOOD (power good) signal when soft-start sequence is
complete and the output is within regulation. A built-in
overvoltage protection circuit prevents the output voltage
from going above typically 115% of the set point. Protection
from overcurrent conditions is provided by monitoring the
rDS(ON) of the upper MOSFET to inhibit the PWM operation
appropriately. This approach simplifies the implementation
and improves efficiency by eliminating the need for a current
sensing resistor.
Features
• Operates From:
- 4.5V to 5.5V Input
- 5.5V to 28V Input
• 0.6V Internal Reference Voltage
- ±2.0% Reference Accuracy
• Resistor-Selectable Switching Frequency
- 100kHz to 1.4MHz
• Voltage Margining and External Reference Tracking
Modes
• Output Can Sink or Source Current
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(ON)
• Programmable Soft-Start
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Extensive Circuit Protection Functions
- PGOOD, Overvoltage, Overcurrent, Shutdown
• Diode Emulation during Startup for Pre-Biased Load
Applications
• Offered in 20 Ld QFN and QSOP Packages
• QFN (4x4) Package
- QFN compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
• Pb-Free (RoHS Compliant)
Applications
• Power Supplies for Microprocessors/ASICs
- Embedded Controllers
- DSP and Core Processors
- DDR SDRAM Bus Termination
• Ethernet Routers and Switchers
• High-Power DC/DC Regulators
• Distributed DC/DC Power Architecture
• Personal Computer Peripherals
• Externally Referenced Buck Converters
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
April 27, 2009


Similar Part No. - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420BIRZ RENESAS-ISL6420BIRZ Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420BIRZ-TK RENESAS-ISL6420BIRZ-TK Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com