Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420BIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6420BIRZ
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420BIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6420BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 9Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 10Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6901.0
April 27, 2009
REFERENCE AND SOFT-START/ENABLE
Internal Reference Voltage
VREF
0.594
-
0.606
V
Soft-Start Current
ISS
-10-
µA
Soft-Start Threshold
VSOFT
1.0
-
-
V
Enable Low (Converter Disabled)
--
1.0
V
PWM CONTROLLER GATE DRIVERS
Gate Drive Peak Current
-0.7
-
A
Rise Time
Co = 1000pF
-
20
-
ns
Fall Time
Co = 1000pF
-
20
-
ns
Dead Time Between Drivers
-20-
ns
ERROR AMPLIFIER
DC Gain (Note 7)
-88-
dB
Gain-Bandwidth Product (Note 7)
GBW
-
15
-
MHz
Slew Rate (Note 7)
SR
-
6
-
V/µs
OVERCURRENT PROTECTION
OCSET Current Source
IOCSET
VOCSET = 4.5V
80
100
120
µA
POWER GOOD AND CONTROL FUNCTIONS
Power-Good Lower Threshold
VPG-
Fraction of the set point; ~3µs noise filter
-14
-10
-8
%
Power-Good Higher Threshold
VPG+
Fraction of the set point; ~3µs noise filter
9
-
16
%
PGOOD Leakage Current
IPGLKG
VPULLUP = 5.0V (Note 8)
-
-
1
µA
PGOOD Voltage Low
IPGOOD = 4mA
-
-
0.5
V
PGOOD Delay
CDEL = 0.1µF
-
125
-
ms
CDEL Current for PGOOD
CDEL threshold = 2.5V
-
2
-
µA
CDEL Threshold
-2.5
-
V
EXTERNAL REFERENCE
Min External Reference Input at
GPIO1/REFIN
VMSET/MODE = H, CREFOUT = 2.2µF
-
0.600
-
V
Max External Reference Input at
GPIO1/REFIN
VMSET/MODE = H, CREFOUT = 2.2µF
-
-
1.250
V
REFERENCE BUFFER
Buffered Output Voltage - Internal Reference
VREFOUT
IREFOUT = 1mA,
VMSET/MODE = High,
CREFOUT = 2.2µF, TA = -40°C to +85°C
0.583
0.595
0.607
V
Buffered Output Voltage - Internal Reference
VREFOUT
IREFOUT = 20mA,
VMSET/MODE = High,
CREFOUT = 2.2µF, TA = -40°C to +85°C
0.575
0.587
0.599
V
Buffered Output Voltage - External Reference
VREFOUT
VREFIN = 1.25V, IREFOUT = 1mA,
VMSET2/MODE = High,
CREFOUT = 2.2µF
1.227
1.246
1.265
V
Buffered Output Voltage - External Reference
VREFOUT
VREFIN = 1.25V, IREFOUT = 20mA,
VMSET2/MODE = High,
CREFOUT = 2.2µF
1.219
1.238
1.257
V
Electrical Specifications
Operating Conditions: VIN = 12V, PVCC shorted with VCC5, TA = +25°C; Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6420B


Similar Part No. - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420BIRZ RENESAS-ISL6420BIRZ Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420BIRZ-TK RENESAS-ISL6420BIRZ-TK Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com