Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334AR5368 Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL6334AR5368
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334AR5368 Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL6334AR5368 Datasheet HTML 16Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 17Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 18Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 19Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 20Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 21Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 22Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 23Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
FN6839.2
September 7, 2010
Assuming the microprocessor controls the VID change at
1-bit every tVID, the relationship between the time constant
of RREF and CREF network and tVID is given by Equation 13.
During dynamic VID transition and VID steps up, the
overcurrent trip point increases by 140% to avoid falsely
triggering OCP circuits, while the overvoltage trip point is set
to its maximum VID OVP trip level. If the dynamic VID occurs
at PSI# asserted, the system should exit PSI# and complete
the transition, and then resume PSI# operation 50µs after
the transition.
Operation Initialization
Prior to converter initialization, proper conditions must exist
on the enable inputs and VCC. When the conditions are met,
the controller begins soft-start. Once the output voltage is
within the proper window of operation, VR_RDY asserts
logic high.
Enable and Disable
While in shutdown mode, the PWM outputs are held in a high-
impedance state to assure the drivers remain off. The following
input conditions must be met before the ISL6334AR5368 is
released from shutdown mode.
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this
threshold is reached, proper operation of all aspects of
the ISL6334AR5368 are guaranteed. Hysteresis
between the rising and falling thresholds assure that once
enabled, ISL6334AR5368 will not inadvertently turn off
unless the bias voltage drops substantially (see
“Electrical Specifications” table beginning on page 8).
2. The ISL6334AR5368 features an enable input
(EN_PWR) for power sequencing between the controller
bias voltage and another voltage rail. The enable
comparator holds the ISL6334AR5368 in shutdown until
the voltage at EN_PWR rises above 0.875V. The enable
comparator has about 130mV of hysteresis to prevent
bounce. It is important that the driver reach their POR
level before the ISL6334AR5368 becomes enabled. The
schematic in Figure 8 demonstrates sequencing the
ISL6334AR5368 with the ISL66xx family of Intersil
MOSFET drivers, which require 12V bias.
3. The voltage on EN_VTT must be higher than 0.875V to
enable the controller. This pin is typically connected to the
output of VTT VR.
When all conditions previously mentioned are satisfied,
ISL6334AR5368 begins the soft-start and ramps the output
voltage to 1.1V first. After remaining at 1.1V for some time,
ISL6334AR5368 reads the VID code at VID input pins. If the
VID code is valid, ISL6334AR5368 will regulate the output to
the final VID setting. If the VID code is OFF code,
ISL6334AR5368 will shut down, and cycling VCC, EN_PWR
or EN_VTT is needed to restart.
Soft-Start
ISL6334AR5368 based VR has 4 periods during soft-start, as
shown in Figure 9. After VCC, EN_VTT and EN_PWR reach
their POR/enable thresholds, the controller will have a fixed
delay period tD1. After this delay period, the VR will begin first
soft-start ramp until the output voltage reaches 1.1V Vboot
voltage. Then, the controller will regulate the VR voltage at 1.1V
for another fixed period tD3. At the end of tD3 period,
ISL6334AR5368 reads the VID signals. If the VID code is valid,
ISL6334AR5368 will initiate the second soft-start ramp until the
voltage reaches the VID voltage minus offset voltage.
The soft-start time is the sum of the 4 periods as shown in
Equation 14.
tD1 is a fixed delay with the typical value as 1.36ms. tD3 is
determined by the fixed 85µs plus the time to obtain valid
VID voltage. If the VID is valid before the output reaches the
1.1V, the minimum time to validate the VID input is 500ns.
Therefore, the minimum tD3 is about 86µs.
During tD2 and tD4, ISL6334AR5368 digitally controls the
DAC voltage change at 6.25mV per step. The time for each
step is determined by the frequency of the soft-start oscillator,
which is defined by the resistor RSS from SS pin to GND. The
second soft-start ramp time tD2 and tD4 can be calculated
based on Equations 15 and 16:
C
REF RREF
t
VID
=
(EQ. 13)
FIGURE 8. POWER SEQUENCING USING THRESHOLD-
SENSITIVE ENABLE (EN) FUNCTION
-
+
0.875V
EXTERNAL CIRCUIT
ISL6334AR5368
EN_PWR
+12V
POR
CIRCUIT
100k
Ω
9.1k
Ω
ENABLE
COMPARATOR
SOFT-START
AND
FAULT LOGIC
EN_VTT
VCC
+
-
0.875V
INTERNAL CIRCUIT
t
SS
t
D1
t
D2
t
D3
t
D4
++
+
=
(EQ. 14)
t
D2
1.1xR
SS
6.25x25
------------------------
μs
()
=
(EQ. 15)
ISL6334AR5368


Similar Part No. - ISL6334AR5368

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334AR5368

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com