Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6324AIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6324AIRZ
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6324AIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6324AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 13Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 14Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
FN6880.0
March 23, 2009
Operation
The ISL6324A utilizes a multi-phase architecture to provide
a low cost, space saving power conversion solution for the
processor core voltage. The controller also implements a
simple single phase architecture to provide the Northbridge
voltage on the same chip.
Multi-phase Power Conversion
Microprocessor load current profiles have changed to the
point that the advantages of multi-phase power conversion
are impossible to ignore. The technical challenges
associated with producing a single-phase converter that is
both cost-effective and thermally viable have forced a
change to the cost-saving approach of multi-phase. The
ISL6324A controller helps simplify implementation by
integrating vital functions and requiring minimal external
components. The “Controller Block Diagram” on page 3
provides a top level view of the multi-phase power
conversion using the ISL6324A controller.
Interleaving
The switching of each channel in a multi-phase converter is
timed to be symmetrically out-of-phase with each of the other
channels. In a 3-phase converter, each channel switches 1/3
cycle after the previous channel and 1/3 cycle before the
following channel. As a result, the three-phase converter has a
combined ripple frequency three times greater than the ripple
frequency of any one phase. In addition, the peak-to-peak
amplitude of the combined inductor currents is reduced in
proportion to the number of phases (Equations 2 and 3).
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Figure 1 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3)
combine to form the AC ripple current and the DC load
current. The ripple component has three times the ripple
frequency of each individual channel current. Each PWM
pulse is terminated 1/3 of a cycle after the PWM pulse of the
previous phase. The peak-to-peak current for each phase is
about 7A, and the DC components of the inductor currents
combine to feed the load.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine Equation 2, which represents
an individual channel peak-to-peak inductor current.
In Equation 2, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 2 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 3. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multi-phase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 2 illustrates input
currents from a three-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 2 delivers 1.5V to a 36A load
from a 12V input. The RMS input capacitor current is 5.9A.
Compare this to a single-phase converter also stepping down
12V to 1.5V at 36A. The single-phase converter has
11.9ARMS input capacitor current. The single-phase converter
must use an input capacitor bank with twice the RMS current
capacity as the equivalent three-phase converter.
Figures 26, 27 and 28 in the section entitled “Input Capacitor
Selection” on page 35 can be used to determine the input
capacitor RMS current based on load current, duty cycle,
and the number of channels. They are provided as aids in
determining the optimal input capacitor solution.
I
PP
V
IN
V
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------
=
(EQ. 2)
I
CP
P
()
V
IN
NV
OUT
() V
OUT
Lf
S VIN
------------------------------------------------------------
=
(EQ. 3)
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1µs/DIV
PWM2, 5V/DIV
PWM1, 5V/DIV
IL2, 7A/DIV
IL1, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL3, 7A/DIV
PWM3, 5V/DIV
ISL6324A


Similar Part No. - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6324AIRZ INTERSIL-ISL6324AIRZ Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6324AIRZ RENESAS-ISL6324AIRZ Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results

Similar Description - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com