Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C025-25JXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C025-25JXI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025-25JXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C025-25JXI Datasheet HTML 1Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 2Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 3Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 4Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 5Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C025-25JXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
4K x 16/18 and 8K x 16/18 Dual-Port
Static RAM with SEM, INT, BUSY
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06035 Rev. *D
Revised December 09, 2008
Features
True dual-ported memory cells, which allow simultaneous
reads of the same memory location
4K x 16 organization (CY7C024/024A
[1])
4K x 18 organization (CY7C0241)
8K x 16 organization (CY7C025)
8K x 18 organization (CY7C0251)
0.65 micron CMOS for optimum speed and power
High speed access: 15 ns
Low operating power: ICC = 150 mA (typ)
Fully asynchronous operation
Automatic power down
Expandable data bus to 32/36 bits or more using Master/Slave
chip select when using more than one device
On-chip arbitration logic
Semaphores included to permit software handshaking
between ports
INT flag for port-to-port communication
Separate upper-byte and lower-byte control
Pin select for Master or Slave
Available in 84-pin (Pb-free) PLCC, 84-pin PLCC, 100-pin
(Pb-free) TQFP, and 100-pin TQFP
Functional Description
The CY7C024/024A/0241 and CY7C025/0251 are low power
CMOS 4K x 16/18 and 8K x 16/18 dual-port static RAMs. Various
arbitration schemes are included on the CY7C024/ 0241 and
CY7C025/0251 to handle situations when multiple processors
access the same piece of data. Two ports are provided,
permitting independent, asynchronous access for reads and
writes to any location in memory. The CY7C024/ 0241 and
CY7C025/0251 can be used as standalone 16 or 18-bit dual-port
static RAMs or multiple devices can be combined to function as
a 32-/36-bit or wider master/ slave dual-port static RAM. An M/S
pin is provided for implementing 32-/36-bit or wider memory
applications without the need for separate master and slave
devices or additional discrete logic. Application areas include
interprocessor/multiprocessor designs, communications status
buffering, and dual-port video/graphics memory.
Each port has independent control pins: Chip Enable (CE), Read
or Write Enable (R/W), and Output Enable (OE). Two flags are
provided on each port (BUSY and INT). BUSY signals that the
port is trying to access the same location currently being
accessed by the other port. The Interrupt Flag (INT) permits
communication between ports or systems by means of a mail
box. The semaphores are used to pass a flag, or token, from one
port to the other to indicate that a shared resource is in use. The
semaphore logic is comprised of eight shared latches. Only one
side can control the latch (semaphore) at any time. Control of a
semaphore indicates that a shared resource is in use. An
automatic power down feature is controlled independently on
each port by a chip select (CE) pin.
The CY7C024/024A/0241 and CY7C025/0251 are available in
84-pin Pb-free PLCCs, 84-pin PLCCs (CY7C024 and CY7C025
only), 100-pin Pb-free Thin Quad Plastic Flatplack (TQFP), and
100-pin Thin Quad Plastic Flatpack.
Note
1. CY7C024 and CY7C024A are functionally identical.
[+] Feedback


Similar Part No. - CY7C025-25JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C025-25JXI CYPRESS-CY7C025-25JXI Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C025-25JXI CYPRESS-CY7C025-25JXI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C025-25JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com