Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6115AEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6115AEVAL1Z
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115AEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6115AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL6115AEVAL1Z Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6855.0
February 25, 2009
region) high rDS(ON) state. Strike a balance between the CR
limit and the timing requirements to avoid periods when the
external N-Channel MOSFETs may be damaged or destroyed
due to excessive internal power dissipation. Refer to the
MOSFET SOA information in the manufacturer’s data sheet.
When driving particularly large capacitive loads a longer
soft-start time to prevent current regulation upon charging
and a short CR time may offer the best application solution
relative to reliability and FET MTF.
Physical layout of RSENSE resistor is critical to avoid the
possibility of false overcurrent occurrences. Ideally, trace
routing between the RSENSE resistors and the IC is as direct
and as short as possible with zero current in the sense lines
(see Figure 1).
.
CORRECT
TO ISEN AND
CURRENT
SENSE RESISTOR
INCORRECT
FIGURE 1. SENSE RESISTOR PCB LAYOUT
RISET
Typical Performance Curves
FIGURE 2. VDD BIAS CURRENT
FIGURE 3. ISET SOURCE CURRENT
FIGURE 4. CTIM CURRENT SOURCE
FIGURE 5. CTIM OC VOLTAGE THRESHOLD
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-40
0
25
85
125
TEMPERATURE (°C)
70
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
TEMPERATURE (°C)
-40
0
25
85
125
70
18.8
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
-40
0
25
70
85
125
TEMPERATURE (°C)
CTIM - 0V
1.77
1.78
1.79
1.80
1.81
1.82
-40
0
25
70
85
125
TEMPERATURE (°C)
ISL6115A


Similar Part No. - ISL6115AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115AEVAL1Z INTERSIL-ISL6115AEVAL1Z Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115AEVAL1Z RENESAS-ISL6115AEVAL1Z Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

Similar Description - ISL6115AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com