Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C146-55JXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C146-55JXC
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-55JXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C146-55JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C146-55JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *E
Page 2 of 15
Pinouts
Figure 1. 52-Pin PLCC (Top View)
Figure 2. 52-Pin PQFP (Top View)
Selection Guide
Specification
7C136-15[4]
7C146-15
7C132-25 [4]
7C136-25
7C142-25
7C146-25
7C132-30
7C136-30
7C142-30
7C146-30
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45
7C136-45
7C142-45
7C146-45
7C132-55
7C136-55
7C136A-55
7C142-55
7C146-55
Unit
Maximum Access Time
15
25
30
35
45
55
ns
Maximum Operating Current Com’l/Ind
190
170
170
120
120
110
mA
Maximum Standby Current
Com’l/Ind
75
65
65
45
45
35
mA
Shaded areas contain preliminary information.
1
OER
A0R
8
9
10
11
12
13
14
15
16
17
18
19
20
46
45
44
43
42
41
40
39
38
37
36
35
34
2122 23 24 25 26 27 28 29 30 31 32 33
7 6 5 4 3 2
52 51 50 49 48 47
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
NC
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
7C136/7C136A
7C146
46
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
1415 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47
45 44 43 42 41 40
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
NC
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
7C136/7C136A
7C146
Note:
4. 15 ns and 25 ns version available in PQFP and PLCC packages only.
[+] Feedback


Similar Part No. - CY7C146-55JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-55JXC CYPRESS-CY7C146-55JXC Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146-55JXC CYPRESS-CY7C146-55JXC Datasheet
443Kb / 15P
   2K x 8 Dual-Port Static RAM High speed access: 15 ns
CY7C146-55JXC CYPRESS-CY7C146-55JXC Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-55JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com