Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C21 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C21
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C21 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C21 Datasheet HTML 1Page - Cypress Semiconductor CY7C21 Datasheet HTML 2Page - Cypress Semiconductor CY7C21 Datasheet HTML 3Page - Cypress Semiconductor CY7C21 Datasheet HTML 4Page - Cypress Semiconductor CY7C21 Datasheet HTML 5Page - Cypress Semiconductor CY7C21 Datasheet HTML 6Page - Cypress Semiconductor CY7C21 Datasheet HTML 7Page - Cypress Semiconductor CY7C21 Datasheet HTML 8Page - Cypress Semiconductor CY7C21 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *C
Page 4 of 17
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
–10
–15
–20
–25
Unit
Min
Max
Min
Max
Min
Max
Min
Max
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA
f = fMAX
Commercial
85
65
55
50
mA
Industrial
100
90
80
ICC1
Operating Current
VCC = Max.,
IOUT = 0 mA
F = 20 MHz
Commercial
35
35
35
35
mA
ISB1
Standby Current
All Inputs =
VIH Min.
Commercial
10
10
10
10
mA
Industrial
15
15
15
ISB2
Power-Down Current All Inputs >
VCC –0.2V
Commercial
5
5
5
5
mA
Industrial
8
8
8
Electrical Characteristics Over the Operating Range[3]
Parameter
Description
Test Conditions
–30
–40
–65
Unit
Min
Max
Min Max
Min
Max
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA
f = fMAX
Commercial
40
35
35
mA
Industrial
75
70
65
ICC1
Operating Current
VCC = Max.,
IOUT = 0 mA
F = 20 MHz
Commercial
35
35
35
mA
ISB1
Standby Current
All Inputs =
VIH Min.
Commercial
10
10
10
mA
Industrial
15
15
15
ISB2
Power-Down Current All Inputs >
VCC –0.2V
Commercial
5
5
5
mA
Industrial
8
8
8
Capacitance[6]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1
MHz, VCC = 4.5V
6
pF
COUT
Output Capacitance
6
pF
Note
6. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C21

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2165KV18 CYPRESS-CY7C2165KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C21701KV18 CYPRESS-CY7C21701KV18 Datasheet
771Kb / 24P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C21701KV18-400BZXC CYPRESS-CY7C21701KV18-400BZXC Datasheet
771Kb / 24P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C21

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com