Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C145-55JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C145-55JC
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-55JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C145-55JC Datasheet HTML 1Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 2Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 3Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 4Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 5Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 6Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 7Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 8Page - Cypress Semiconductor CY7C145-55JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 5 of 20
Table 3. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
SEM
I/O0−7/8
H
X
X
H
High Z
Power Down
H
H
L
L
Data Out
Read Data in Semaphore
X
X
H
X
High Z
I/O Lines Disabled
H
X
L
Data In
Write to Semaphore
L
H
L
H
Data Out
Read
LL
X
H
Data In
Write
L
X
X
L
Illegal Condition
Table 4. Interrupt Operation Example (assumes BUSYL = BUSYR = HIGH)
Function
Left Port
Right Port
R/W
CE
OE
A0−12
INT
R/W
CE
OE
A0−12
INT
Set Left INT
XX
X
X
L
L
L
X
1FFE
X
Reset Left INT
XL
L
1FFE
H
X
L
L
X
X
Set Right INT
L
L
X
1FFF
X
XXX
X
L
Reset Right INT
X
X
X
XXX
L
L
1FFF
H
Table 5. Semaphore Operation Example
Function
I/O0-7/8 Left
I/O0-7/8 Right
Status
No action
1
1
Semaphore free
Left port writes semaphore
0
1
Left port obtains semaphore
Right port writes 0 to semaphore
0
1
Right side is denied access
Left port writes 1 to semaphore
1
0
Right port is granted access to semaphore
Left port writes 0 to semaphore
1
0
No change. Left port is denied access
Right port writes 1 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore address
Right port writes 0 to semaphore
1
0
Right port obtains semaphore
Right port writes 1 to semaphore
1
1
No port accessing semaphore
Left port writes 0 to semaphore
0
1
Left port obtains semaphore
Left port writes 1 to semaphore
1
1
No port accessing semaphore
[+] Feedback


Similar Part No. - CY7C145-55JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-55JC CYPRESS-CY7C145-55JC Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-55JC CYPRESS-CY7C145-55JC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-55JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com