Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399BNL-12ZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1399BNL-12ZXC
Description  256K (32K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BNL-12ZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C1399BNL-12ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BNL-12ZXC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY7C1399BN
Document #: 001-06490 Rev. *A
Page 6 of 8
Truth Table
CE
WE
OE
Input/Output
Mode
Power
H
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect, Output Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
12
CY7C1399BN-12VC
51-85031
28-Lead Molded SOJ
Commercial
CY7C1399BN-12VXC
28-Lead Molded SOJ (Pb-free)
CY7C1399BN-12ZC
51-85071
28-Lead TSOP I
CY7C1399BN-12ZXC
28-Lead TSOP I (Pb-free)
CY7C1399BNL-12ZC
28-Lead TSOP I
CY7C1399BNL-12ZXC
28-Lead TSOP I (Pb-free)
CY7C1399BN-12VXI
51-85031
28-Lead Molded SOJ (Pb-free)
Industrial
15
CY7C1399BN-15VC
28-Lead Molded SOJ
Commercial
CY7C1399BN-15VXC
28-Lead Molded SOJ (Pb-free)
CY7C1399BN-15ZC
51-85071
28-Lead TSOP I
CY7C1399BN-15ZXC
28-Lead TSOP I (Pb-free)
CY7C1399BNL-15ZXC
28-Lead TSOP I (Pb-free)
CY7C1399BNL-15VXC
51-85031
28-Lead Molded SOJ (Pb-free)
CY7C1399BN-15VI
28-Lead Molded SOJ
Industrial
CY7C1399BN-15VXI
28-Lead Molded SOJ (Pb-free)
CY7C1399BN-15ZI
51-85071
28-Lead TSOP I
CY7C1399BN-15ZXI
28-Lead TSOP I (Pb-free)
CY7C1399BN-15VXA
51-85031
28-Lead Molded SOJ (Pb-free)
Automotive-A
20
CY7C1399BN-20ZXC
51-85071
28-Lead TSOP I (Pb-free)
Commercial
Please contact local sales representative regarding availability of these parts.


Similar Part No. - CY7C1399BNL-12ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BNL-12ZXC CYPRESS-CY7C1399BNL-12ZXC Datasheet
308Kb / 8P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C1399BNL-12ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com