Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C026AV Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C026AV
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026AV Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C026AV Datasheet HTML 1Page - Cypress Semiconductor CY7C026AV Datasheet HTML 2Page - Cypress Semiconductor CY7C026AV Datasheet HTML 3Page - Cypress Semiconductor CY7C026AV Datasheet HTML 4Page - Cypress Semiconductor CY7C026AV Datasheet HTML 5Page - Cypress Semiconductor CY7C026AV Datasheet HTML 6Page - Cypress Semiconductor CY7C026AV Datasheet HTML 7Page - Cypress Semiconductor CY7C026AV Datasheet HTML 8Page - Cypress Semiconductor CY7C026AV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
3.3V 4K/8K/16K x 16/18 Dual-Port
Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06052 Rev. *J
Revised December 10, 2008
Features
True dual-ported memory cells which enable simultaneous
access of the same memory location
4, 8 or 16K × 16 organization
(CY7C024AV/024BV
[1]/ 025AV/026AV)
4 or 8K × 18 organization (CY7C0241AV/0251AV)
16K × 18 organization (CY7C036AV)
0.35 micron CMOS for optimum speed and power
High speed access: 20 and 25 ns
Low operating power
Active: ICC = 115 mA (typical)
Standby: ISB3 = 10 μA (typical)
Fully asynchronous operation
Automatic power down
Expandable data bus to 32 bits, 36 bits or more using Master
and Slave chip select when using more than one device
On chip arbitration logic
Semaphores included to permit software handshaking
between ports
INT flag for port-to-port communication
Separate upper byte and lower byte control
Pin select for Master or Slave (M/S)
Commercial and industrial temperature ranges
Available in 100-pin Pb-free TQFP and 100-pin TQFP
Notes
1. CY7C024AV and CY7C024BV are functionally identical.
2. IO8–IO15 for x16 devices; IO9–IO17 for x18 devices.
3. IO0–IO7 for x16 devices; IO0–IO8 for x18 devices.
4. A0–A11 for 4K devices; A0–A12 for 8K devices; A0–A13 for 16K devices.
5. BUSY is an output in master mode and an input in slave mode.
R/WL
OEL
IO8/9L–IO15/17L
IO
Control
Address
Decode
A0L–A11/12/13L
CEL
OEL
R/WL
BUSYL
IO
Control
CEL
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
UBL
LBL
IO0L–IO7/8L
R/WR
OER
IO8/9L–IO15/17R
CER
UBR
LBR
IO0L–IO7/8R
UBL
LBL
A0L–A11/1213L
True Dual-Ported
RAM Array
A0R–A11/12/13R
CER
OER
R/WR
BUSYR
SEMR
INTR
UBR
LBR
Address
Decode
A0R–A11/12/13R
[2]
[2]
[3]
[3]
[5]
[5]
12/13/14
8/9
8/9
12/13/14
8/9
8/9
12/13/14
12/13/14
[4]
[4]
[4]
[4]
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C026AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026AV CYPRESS-CY7C026AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV CYPRESS-CY7C026AV Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV CYPRESS-CY7C026AV Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C026AV-20AC CYPRESS-CY7C026AV-20AC Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C026AV-20AC CYPRESS-CY7C026AV-20AC Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com