Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C025AV Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C025AV
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025AV Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C025AV Datasheet HTML 3Page - Cypress Semiconductor CY7C025AV Datasheet HTML 4Page - Cypress Semiconductor CY7C025AV Datasheet HTML 5Page - Cypress Semiconductor CY7C025AV Datasheet HTML 6Page - Cypress Semiconductor CY7C025AV Datasheet HTML 7Page - Cypress Semiconductor CY7C025AV Datasheet HTML 8Page - Cypress Semiconductor CY7C025AV Datasheet HTML 9Page - Cypress Semiconductor CY7C025AV Datasheet HTML 10Page - Cypress Semiconductor CY7C025AV Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 7 of 19
Table 1. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
UB
LB
SEM
IO9–IO17
IO0–IO8
H
X
X
X
X
H
High Z
High Z
Deselected: Power Down
X
X
X
H
H
H
High Z
High Z
Deselected: Power Down
L
L
X
L
H
H
Data In
High Z
Write to Upper Byte Only
L
L
X
H
L
H
High Z
Data In
Write to Lower Byte Only
L
L
X
L
L
H
Data In
Data In
Write to Both Bytes
L
H
L
L
H
H
Data Out
High Z
Read Upper Byte Only
L
H
L
H
L
H
High Z
Data Out
Read Lower Byte Only
L
H
L
L
L
H
Data Out
Data Out
Read Both Bytes
X
X
H
X
X
X
High Z
High Z
Outputs Disabled
H
H
L
X
X
L
Data Out
Data Out
Read Data in Semaphore Flag
X
H
L
H
H
L
Data Out
Data Out
Read Data in Semaphore Flag
H
X
X
X
L
Data In
Data In
Write DIN0 into Semaphore Flag
X
X
H
H
L
Data In
Data In
Write DIN0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed
Table 2. Interrupt Operation Example (assumes BUSYL = BUSYR = HIGH)
[10]
Left Port
Right Port
Function
R/WL
CEL
OEL
A0L–13L
INTL
R/WR
CER
OER
A0R–13R
INTR
Set Right INTR Flag
L
L
X
FFF[13]
XX
X
X
X
L[12]
Reset Right INTR Flag
X
X
X
X
X
X
L
L
FFF (or 1/3FFF)
H[11]
Set Left INTL Flag
XXX
X
L[11]
L
L
X
1FFE (or 1/3FFE)
X
Reset Left INTL Flag
X
L
L
1FFE[13]
H[12]
XX
X
X
X
Table 3. Semaphore Operation Example
Function
IO0–IO17 Left
IO0–IO17 Right
Status
No action
1
1
Semaphore-free
Left port writes 0 to semaphore
0
1
Left Port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access to semaphore
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access to semaphore
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
Notes
10. See Functional Description on page 5 for specific highest memory locations by device.
11. If BUSYR=L, then no change.
12. If BUSYL=L, then no change.
13. See Functional Description on page 5 for specific addresses by device.
[+] Feedback


Similar Part No. - CY7C025AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C025AV CYPRESS-CY7C025AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C025AV CYPRESS-CY7C025AV Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C025AV CYPRESS-CY7C025AV Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C025AV-20AC CYPRESS-CY7C025AV-20AC Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C025AV-20AC CYPRESS-CY7C025AV-20AC Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C025AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com