Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1314JV18-250BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1314JV18-250BZC
Description  18 Mbit QDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1314JV18-250BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1314JV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1314JV18-250BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CY7C1310JV18, CY7C1910JV18
CY7C1312JV18, CY7C1314JV18
Document #: 001-43127 Rev. *A
Page 9 of 26
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5x the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
Ω and 350Ω, with V
DDQ =1.5V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR-II to simplify data capture
on high-speed systems. Two echo clocks are generated by the
QDR-II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free-running clocks and are
synchronized to the output clock (C/C) of the QDR-II. In single
clock mode, CQ is generated with respect to K and CQ is
generated with respect to K. The timing for the echo clocks is
shown in the Switching Characteristics on page 22.
DLL
These chips use a DLL that is designed to function between 120
MHz and the specified maximum clock frequency. During power
up, when the DOFF is tied HIGH, the DLL is locked after 1024
cycles of stable clock. The DLL can also be reset by slowing or
stopping the input clock K and K for a minimum of 30 ns.
However, it is not necessary to reset the DLL to lock to the
desired frequency. The DLL automatically locks 1024 clock
cycles after a stable clock is presented. The DLL may be
disabled by applying ground to the DOFF pin. When the DLL is
turned off, the device behaves in QDR-I mode (with one cycle
latency and a longer access time). For information refer to the
application note DLL Considerations in QDRII/DDRII.
Application Example
Figure 1 shows two QDR-II used in an application.
Figure 1. Application Example
R = 250
ohms
Vt
R
R = 250
ohms
Vt
Vt
R
Vt = Vddq/2
R = 50
ohms
R
CC#
D
A
SRAM #2
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
CC#
D
A
K
SRAM #1
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
BUS
MASTER
(CPU
or
ASIC)
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
CLKIN/CLKIN#
K
[+] Feedback


Similar Part No. - CY7C1314JV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13141KV18 CYPRESS-CY7C13141KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1314AV18 CYPRESS-CY7C1314AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1314AV18-133BZC CYPRESS-CY7C1314AV18-133BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1314AV18-167BZC CYPRESS-CY7C1314AV18-167BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1314BV18 CYPRESS-CY7C1314BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1314JV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com