Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363C-133AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1363C-133AXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363C-133AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1363C-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363C-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *F
Page 5 of 31
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC/288M
NC/144M
DQPC
DQC
DQD
DQC
DQD
AA
A
A
ADSP
VDDQ
CE2
A
DQC
VDDQ
DQC
VDDQ
VDDQ
VDDQ
DQD
DQD
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/512M
NC/1G
NC
NC
TDO
TCK
TDI
TMS
NC/36M
NC/72M
NC
VDDQ
VDDQ
VDDQ
AA
A
A
A
A
A
A
A
A
A
A0
A1
DQA
DQC
DQA
DQA
DQA
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQB
VDD
DQC
DQC
DQC
VDD
DQD
DQD
DQD
DQD
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPA
MODE
DQPD
DQPB
BWB
BWC
NC
VDD
NC
BWA
NC
BWE
BWD
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC/288M
NC/144M
NC
DQB
DQB
DQB
DQB
AA
A
A
ADSP
VDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC/72M
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC/512M
NC/1G
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A
NC/36M
A
A
A
A
A
A
A
A
A
A0
A1
DQA
DQB
NC
NC
DQA
NC
DQA
DQA
NC
NC
DQA
NC
DQA
NC
DQA
NC
DQA
VDD
NC
DQB
NC
VDD
DQB
NC
DQB
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPB
DQPA
VSS
BWB
NC
VDD
NC
BWA
NC
BWE
VSS
ZZ
CY7C1363C (512K x 18)
CY7C1361C (256K x 36)
119-Ball BGA Pinout (2 Chip Enables with JTAG)


Similar Part No. - CY7C1363C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AXC CYPRESS-CY7C1363C-133AXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1363C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com