Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1310JV18-250BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1310JV18-250BZC
Description  18 Mbit QDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1310JV18-250BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1310JV18-250BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1310JV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CY7C1310JV18, CY7C1910JV18
CY7C1312JV18, CY7C1314JV18
Document #: 001-43127 Rev. *A
Page 5 of 26
CY7C1312JV18 (1M x 18)
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/144M NC/36M
WPS
BWS1
K
NC/288M
RPS
A
NC/72M
CQ
B
NC
Q9
D9
A
NC
K
BWS0
ANC
NC
Q8
C
NC
NC
D10
VSS
AAA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
AAA
VSS
NC
NC
D1
P
NC
NC
Q17
A
A
C
A
A
NC
D0
Q0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
CY7C1314JV18 (512K x 36)
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/288M NC/72M
WPS
BWS2
K
BWS1
RPS
NC/36M NC/144M
CQ
B
Q27
Q18
D18
A
BWS3
KBWS0
AD17
Q17
Q8
C
D27
Q28
D19
VSS
AAA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
AAA
VSS
Q10
D9
D1
P
Q35
D35
Q26
A
A
C
A
A
Q9
D0
Q0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
Pin Configuration (continued)
The pin configuration for CY7C1310JV18, CY7C1910JV18, CY7C1312JV18, and CY7C1314JV18 follow. [1]
165-Ball FBGA (13 x 15 x 1.4 mm) Pinout
[+] Feedback


Similar Part No. - CY7C1310JV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310AV18 CYPRESS-CY7C1310AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-133BZC CYPRESS-CY7C1310AV18-133BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310AV18-167BZC CYPRESS-CY7C1310AV18-167BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1310JV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com