Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041BN-20VXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1041BN-20VXC
Description  256K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041BN-20VXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1041BN-20VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041BN-20VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1041BN
Document #: 001-06496 Rev. *A
Page 3 of 10
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
I/O Capacitance
8
pF
AC Test Loads and Waveforms
Switching Characteristics[4] Over the Operating Range
-15
-20
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Read Cycle
tpower
VCC(typical) to the First Access
[5]
11
µs
tRC
Read Cycle Time
15
20
ns
tAA
Address to Data Valid
15
20
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
15
20
ns
tDOE
OE LOW to Data Valid
7
8
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
78
ns
tLZCE
CE LOW to Low Z[7]
33
ns
tHZCE
CE HIGH to High Z[6, 7]
78
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
15
20
ns
tDBE
Byte Enable to Data Valid
7
8
ns
tLZBE
Byte Enable to Low Z
0
0
ns
tHZBE
Byte Disable to High Z
7
8
ns
Notes:
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5. This part has a voltage regulator which steps down the voltage from 5V to 3.3V internally. tpower time has to be provided initially before a read/write operation is
started.
6. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 3 ns
≤ 3 ns
OUTPUT
R1 481
R1 481
R2
255
R2
255
167
Equivalent to:
VENIN EQUIVALENT
1.73V
THÉ


Similar Part No. - CY7C1041BN-20VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BN-20VXC CYPRESS-CY7C1041BN-20VXC Datasheet
483Kb / 10P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041BN-20VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com