Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C025-15AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C025-15AXC
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025-15AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C025-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C025-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 4 of 21
Architecture
The CY7C024/024A/0241 and CY7C025/0251 consist of an
array of 4K words of 16/18 bits each and 8K words of 16/18 bits
each of dual-port RAM cells, I/O and address lines, and control
signals (CE, OE, R/W). These control pins permit independent
access for reads or writes to any location in memory. To handle
simultaneous writes/reads to the same location, a BUSY pin is
provided on each port. Two interrupt (INT) pins can be used for
port-to-port communication. Two semaphore (SEM) control pins
are used for allocating shared resources. With the M/S pin, the
CY7C024/024A/0241 and CY7C025/0251 can function as a
master (BUSY pins are outputs) or as a slave (BUSY pins are
inputs). The CY7C024/024A/0241 and CY7C025/0251 have an
automatic power down feature controlled by CE. Each port is
provided with its own output enable control (OE), which allows
data to be read from the device.
Functional Description
Write Operation
Data must be set up for a duration of tSD before the rising edge
of R/W to guarantee a valid write. A write operation is controlled
by either the R/W pin (see Figure 7) or the CE pin (see Figure 8).
Required inputs for non contention operations are summarized
in Table 1.
If a location is being written to by one port and the opposite port
attempts to read that location, a port-to-port flowthrough delay
must occur before the data is read on the output; otherwise the
data read is not deterministic. Data is valid on the port tDDD after
the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE and
CE pins. Data is available tACE after CE or tDOE after OE is
asserted.
If
the
user
of
the
CY7C024/024A/0241
or
CY7C025/0251 wishes to access a semaphore flag, then the
SEM pin must be asserted instead of the CE pin, and OE must
also be asserted.
Interrupts
The upper two memory locations may be used for message
passing.
The
highest
memory
location
(FFF
for
the
CY7C024/024A/0241, 1FFF for the CY7C025/0251) is the
mailbox for the right port and the second-highest memory
location (FFE for the CY7C024/024A/0241, 1FFE for the
CY7C025/0251) is the mailbox for the left port. When one port
writes to the other port’s mailbox, an interrupt is generated to the
owner. The interrupt is reset when the owner reads the contents
of the mailbox. The message is user defined.
Each port can read the other port’s mailbox without resetting the
interrupt. The active state of the BUSY signal (to a port) prevents
the port from setting the interrupt to the winning port. Also, an
active BUSY to a port prevents that port from reading its own
mailbox and thus resetting the interrupt to it.
If your application does not require message passing, do not
connect the interrupt pin to the processor’s interrupt request
input pin.
The operation of the interrupts and their interaction with Busy are
summarized in Table 2 on page 5.
Busy
The CY7C024/024A/0241 and CY7C025/0251 provide on-chip
arbitration to resolve simultaneous memory location access
(contention). If both ports’ CEs are asserted and an address
match occurs within tPS of each other, the busy logic determines
which port has access. If tPS is violated, one port definitely gains
permission to the location, but which one is not predictable.
BUSY is asserted tBLA after an address match or tBLC after CE
is taken LOW.
Master/Slave
A M/S pin is provided to expand the word width by configuring
the device as either a master or a slave. The BUSY output of the
master is connected to the BUSY input of the slave. This allows
the device to interface to a master device with no external
components. Writing to slave devices must be delayed until after
the BUSY input has settled (tBLC or tBLA). Otherwise, the slave
chip may begin a write cycle during a contention situation. When
tied HIGH, the M/S pin allows the device to be used as a master
and, therefore, the BUSY line is an output. BUSY can then be
used to send the arbitration outcome to a slave.
Semaphore Operation
The CY7C024/024A/0241 and CY7C025/0251 provide eight
semaphore latches, which are separate from the dual-port
memory locations. Semaphores are used to reserve resources
that are shared between the two ports. The state of the
semaphore indicates that a resource is in use. For example, if
the left port wants to request a given resource, it sets a latch by
writing a zero to a semaphore location. The left port then verifies
its success in setting the latch by reading it. After writing to the
semaphore, SEM or OE must be deasserted for tSOP before
attempting to read the semaphore. The semaphore value is
available tSWRD + tDOE after the rising edge of the semaphore
write. If the left port was successful (reads a zero), it assumes
control of the shared resource, otherwise (reads a one) it
assumes the right port has control and continues to poll the
semaphore. When the right side has relinquished control of the
semaphore (by writing a one), the left side succeeds in gaining
control of the semaphore. If the left side no longer requires the
semaphore, a one is written to cancel its request.
Selection Guide
Parameter
7C024/024A/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Maximum Access Time (ns)
15
25
35
55
Typical Operating Current (mA)
190
170
160
150
Typical Standby Current for ISB1 (mA)
50
40
30
20
[+] Feedback


Similar Part No. - CY7C025-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C025-15AXC CYPRESS-CY7C025-15AXC Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C025-15AXC CYPRESS-CY7C025-15AXC Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C025-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com