Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C144-55JI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C144-55JI
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-55JI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C144-55JI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 9Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 11Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-55JI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 9 of 20
BUSY TIMING[13]
tBLA
BUSY LOW from Address
Match
15
20
20
30
ns
tBHA
BUSY HIGH from Address
Mismatch
15
20
20
30
ns
tBLC
BUSY LOW from CE LOW
1520
2030
ns
tBHC
BUSY HIGH from CE HIGH
15
20
20
30
ns
tPS
Port Set-Up for Priority
5
5
5
5
ns
tWB
R/W LOW after BUSY LOW
0
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
30
ns
tBDD
BUSY HIGH to Data Valid
15
25
35
55
ns
INTERRUPT TIMING[13]
tINS
INT Set Time
15
25
25
35
ns
tINR
INT Reset Time
15
25
25
35
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or
SEM)
10
10
15
20
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
5
ns
tSPS
SEM Flag Contention
Window
55
5
5
ns
Switching Characteristics (continued)
Over the Operating Range[8]
Parameter
Description
7C144-15
7C145-15
7C144-25
7C145-25
7C144-35
7C145-35
7C144-55
7C145-55
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Note
13. Test conditions used are Load 2.
[+] Feedback


Similar Part No. - CY7C144-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144-55JI CYPRESS-CY7C144-55JI Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144-55JI CYPRESS-CY7C144-55JI Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C144-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com