Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C038V-15AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C038V-15AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C038V-15AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C038V-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C038V-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CY7C027V/027VN/027AV/028V
CY7C037V/037AV/038V
3.3V 32K/64K x 16/18 Dual-Port Static
RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06078 Rev. *B
Revised December 09, 2008
Features
True Dual-Ported memory cells which allow
simultaneous access of the same memory location
32K x 16 organization (CY7C027V/027VN/027AV
[1])
64K x 16 organization (CY7C028V)
32K x 18 organization (CY7C037V/037AV
[2])
64K x 18 organization (CY7C038V)
0.35 micron CMOS for optimum speed and power
High speed access: 15, 20, and 25 ns
Low operating power
Active: ICC = 115 mA (typical)
Standby: ISB3 = 10 μA (typical)
Fully asynchronous operation
Automatic power down
Expandable data bus to 32/36 bits or more using Master/Slave
chip select when using more than one device
On-chip arbitration logic
Semaphores included to permit software handshaking
between ports
INT flag for port-to-port communication
Separate upper-byte and lower-byte control
Dual chip enables
Pin select for Master or Slave
Commercial and Industrial temperature ranges
100-pin Pb-free TQFP and 100-pin TQFP
Notes
1. CY7C027V, CY7C027VN and CY7C027AV are functionally identical.
2. CY7C037V and CY7C037AV are functionally identical.
3. I/O8–I/O15 for x16 devices; I/O9–I/O17 for x18 devices.
4. I/O0–I/O7 for x16 devices; I/O0–I/O8 for x18 devices.
5. A0–A14 for 32K; A0–A15 for 64K devices.
6. BUSY is an output in master mode and an input in slave mode.
R/WL
CE0L
CE1L
OEL
I/O8/9L–I/O15/17L
I/O
Control
Address
Decode
A0L–A14/15L
CEL
OEL
R/WL
BUSYL
I/O
Control
CEL
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
UBL
LBL
I/O0L–I/O7/8L
R/WR
CE0R
CE1R
OER
I/O8/9L–I/O15/17R
CER
UBR
LBR
I/O0L–I/O7/8R
UBL
LBL
Logic Block Diagram
A0L–A14/15L
True Dual-Ported
RAM Array
A0R–A14/15R
CER
OER
R/WR
BUSYR
SEMR
INTR
UBR
LBR
Address
Decode
A0R–A14/15R
[3]
[3]
[4]
[4]
[5]
[5]
[6]
[6]
[5]
[5]
15/16
8/9
8/9
15/16
8/9
8/9
15/16
15/16
[+] Feedback


Similar Part No. - CY7C038V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C038V-15AXC CYPRESS-CY7C038V-15AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C038V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com