Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0241AV-20AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C0241AV-20AC
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0241AV-20AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C0241AV-20AC Datasheet HTML 1Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 2Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 3Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 4Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 5Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 6Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 7Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 8Page - Cypress Semiconductor CY7C0241AV-20AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 4 of 19
Figure 3. 100-Pin TQFP (Top View)
Pin Configurations (continued)
100 99
97
98
96
2
3
1
42
41
59
60
61
12
13
15
14
16
4
5
40
39
95 94
17
26
9
10
8
7
6
11
27 28
30
29
31 32
35
34
36 37 38
33
67
66
64
65
63
62
68
69
70
75
73
74
72
71
89 88
86
87
85
93 92
84
NC
NC
NC
A5L
A4L
INTL
A2L
A0L
BUSYL
GND
INTR
A0R
A1L
NC
NC
IO 11L
IO 12L
IO 16L
VCC
GND
IO 1R
IO 2R
VCC
90
91
A3L
M/S
BUSYR
IO 15L
GND
IO 13L
IO 14L
A1R
A2R
A3R
A4R
NC
NC
NC
IO 3R
IO 4R
IO 5R
IO 6R
NC
NC
18
19
20
21
22
23
24
25
83 82 81 80 79 78 77 76
58
57
56
55
54
53
52
51
43 44 45 46 47 48 49 50
IO 0R
IO 8L
IO 17L
IO 8R
IO 17R
CY7C036AV (16K × 18)
A13L
A13R
Selection Guide
Parameter
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
-20
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
-25
Unit
Maximum Access Time
20
25
ns
Typical Operating Current
120
115
mA
Typical Standby Current for ISB1
(Both ports TTL Level)
35
30
mA
Typical Standby Current for ISB3
(Both ports CMOS Level)
10
10
μA
[+] Feedback


Similar Part No. - CY7C0241AV-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0241AV-20AC CYPRESS-CY7C0241AV-20AC Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C0241AV-20AC CYPRESS-CY7C0241AV-20AC Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C0241AV-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com