Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199CNL-15VXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C199CNL-15VXI
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199CNL-15VXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C199CNL-15VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C199CNL-15VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY7C199CN
Document #: 001-06435 Rev. *B
Page 4 of 14
DC Electrical Characteristics
Over the Operating Range (–12, –15) [2]
Parameter
Description
Condition
Power
–12
–15
Unit
Min
Max
Min
Max
VIH
Input HIGH Voltage
2.2 VCC + 0.3 2.2 VCC + 0.3
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
V
VOH
Output HIGH Voltage VCC = Min, IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage VCC = Min, IOL = 8.0 mA
0.4
0.4
V
ICC
VCC Operating
Supply Current
VCC = Max, IOUT = 0 mA,
f = Fmax = 1/tRC
85
80
mA
ISB1
Automatic CE Power
Down Current TTL
Inputs
Max VCC, CE ≥ VIH,
VIN ≥ VIH or VIN ≤ VIL, f = Fmax
30
30
mA
L
10
10
mA
ISB2
Automatic CE Power
Down Current CMOS
Inputs
Max VCC, CE ≥ VCC – 0.3V,
VIN ≥ VCC – 0.3V, or VIN ≤ 0.3V, f = 0
10
10
mA
L
500
500
µA
IOZ
Output Leakage
Current
GND
≤ VI ≤ VCC, Output Disabled
–5
+5
–5
+5
µA
IIX
Input Leakage
Current
GND
≤ VI ≤ VCC
–5
+5
–5
+5
µA
DC Electrical Characteristics
Over the Operating Range (–20, –25) [2]
Parameter
Description
Condition
Power
–20
–25
Unit
Min
Max
Min
Max
VIH
Input HIGH Voltage
2.2
VCC + 0.3 2.2 VCC + 0.3
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
V
VOH
Output HIGH Voltage VCC = Min, IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage VCC = Min, IOL = 8.0 mA
0.4
0.4
V
ICC
VCC Operating
Supply Current
VCC = Max, IOUT = 0 mA,
f = Fmax = 1/tRC
75
75
mA
ISB1
Automatic CE Power
Down Current TTL
Inputs
Max VCC, CE ≥ VIH,
VIN ≥ VIH or VIN ≤ VIL, f = Fmax
30
30
mA
L
10
10
mA
ISB2
Automatic CE Power
Down Current CMOS
Inputs
Max VCC, CE ≥ VCC – 0.3V,
VIN ≥ VCC – 0.3V, or VIN ≤ 0.3V, f = 0
10
10
mA
L
500
500
µA
IOZ
Output Leakage
Current
GND
≤ Vi ≤ VCC, Output Disabled
–5
+5
–5
+5
µA
IIX
Input Leakage
Current
GND
≤ Vi ≤ VCC
–5
+5
–5
+5
µA
Note
2. VIL (min) = –2.0V for pulse durations of less than 20 ns.


Similar Part No. - CY7C199CNL-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199CNL-15VXI CYPRESS-CY7C199CNL-15VXI Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CNL-15VXI CYPRESS-CY7C199CNL-15VXI Datasheet
399Kb / 18P
   256 K (32 K x 8) Static RAM 2.0 V data retention
More results

Similar Description - CY7C199CNL-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com