Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3158AE Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL3158AE
Description  짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3158AE Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL3158AE Datasheet HTML 8Page - Intersil Corporation ISL3158AE Datasheet HTML 9Page - Intersil Corporation ISL3158AE Datasheet HTML 10Page - Intersil Corporation ISL3158AE Datasheet HTML 11Page - Intersil Corporation ISL3158AE Datasheet HTML 12Page - Intersil Corporation ISL3158AE Datasheet HTML 13Page - Intersil Corporation ISL3158AE Datasheet HTML 14Page - Intersil Corporation ISL3158AE Datasheet HTML 15Page - Intersil Corporation ISL3158AE Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FN6886.0
April 3, 2009
Typical Performance Curves VCC = 5V, TA = +25°C; Unless Otherwise Specified.
FIGURE 8. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 9. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
FIGURE 12. DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE (ISL3158AE)
FIGURE 13. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL3158AE)
DIFFERENTIAL OUTPUT VOLTAGE (V)
01234
5
0
10
40
60
80
100
120
140
30
50
70
90
110
130
20
+25°C
+85°C
RD = 15Ω
RD = 20Ω
RD = 54Ω
RD = 100Ω
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RDIFF = 54Ω
RDIFF = 100Ω
OUTPUT VOLTAGE (V)
-7
-6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-200
-150
Y OR Z = HIGH
Y OR Z = LOW
300
350
400
450
500
550
600
650
700
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ICC DE-GND
ICC DE-VCC
17
19
21
23
25
27
29
31
-60
-45 -30 -15
0
153045607590
105 120
TEMPERATURE (°C)
TPLH
TPHL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-60 -45 -30 -15
0
15
30
45
60
75
90
105 120
TEMPERATURE (°C)
SKEW
ISL3158AE


Similar Part No. - ISL3158AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
ISL3158AEM RENESAS-ISL3158AEM Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
ISL3158AEMW RENESAS-ISL3158AEMW Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results

Similar Description - ISL3158AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com