Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BNV33L-15VXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1021BNV33L-15VXC
Description  64K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33L-15VXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1021BNV33L-15VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33L-15VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
64K x 16 Static RAM
CY7C1021BNV33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06433 Rev. **
Revised February 1, 2006
Features
• 3.3V operation (3.0V–3.6V)
•High speed
—tAA = 10, 12, 15 ns
• CMOS for optimum speed/power
• Low Active Power (L version)
— 576 mW (max.)
• Low CMOS Standby Power (L version)
— 1.80 mW (max.)
• Automatic power-down when deselected
• Independent control of upper and lower bits
• Available in 44-pin TSOP II and 400-mil SOJ
• Available in a 48-Ball Mini BGA package
Functional Description[1]
The CY7C1021BNV is a high-performance CMOS static RAM
organized as 65,536 words by 16 bits. This device has an
automatic power-down feature that significantly reduces
power consumption when deselected.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O1 through I/O8), is
written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O9 through I/O16) is written into the location
specified on the address pins (A0 through A15).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O1 to I/O8. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O9 to I/O16. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
The input/output pins (I/O1 through I/O16) are placed in a
high-impedance state when the device is deselected
(CE HIGH), the outputs are disabled (OE HIGH), the BHE and
BLE are disabled (BHE, BLE HIGH), or during a write
operation (CE LOW, and WE LOW).
The CY7C1021BNV is available in 400-mil-wide SOJ,
standard 44-pin TSOP Type II, and 48-ball mini BGA
packages.
WE
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ / TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A12
NC
A4
A3
OE
VSS
A5
I/O16
A2
CE
I/O3
I/O1
I/O2
BHE
NC
A1
A0
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
NC
VSS
I/O7
I/O5
I/O6
I/O8
A6
A7
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
64K x 16
RAM Array
I/O1–I/O8
A7
A6
A5
A4
A3
A0
COLUMN DECODER
512 X 2048
DATA IN DRIVERS
OE
A2
A1
I/O9–I/O16
CE
WE
BLE
BHE
Note:
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com


Similar Part No. - CY7C1021BNV33L-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33L-15VXC CYPRESS-CY7C1021BNV33L-15VXC Datasheet
534Kb / 10P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33L-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com