Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65620-56LTXCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C65620-56LTXCT
Description  EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65620-56LTXCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C65620-56LTXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CY7C656xx
Document Number: 38-08037 Rev. *M
Page 5 of 25
Port Indicators
The USB 2.0 port indicators are also supported directly by
CY7C656xx. According to the specification, each downstream
port of the hub optionally supports a status indicator. The
presence of indicators for downstream facing ports is specified
by bit 7 of the wHubCharacteristics field of the hub class
descriptor. The default CY7C656xx descriptor specifies that port
indicators are supported (wHubCharacteristics, bit 7 is set). If
port indicators are not included in the hub, disable this bit through
EEPROM settings.
Each port indicator pin is strategically located directly on the
opposite edge of the port with which it is associated. A port
indicator provides two colors: green and amber. This is usually
implemented as two separate LEDs, one amber and the other
green. A combination of hardware and software control is used
to inform the user of the current status of the port or the device
attached to the port and to guide the user through problem
resolution. Colors and blinking provide information to the user.
The significance of the color of the LED depends on the opera-
tional mode of CY7C656xx. The CY7C656xx port indicators has
two modes of operation: automatic and manual.
On power up the CY7C656xx defaults to automatic mode, where
the color of the Port Indicator (green, amber, off) indicates the
functional status of the CY7C656xx port. In automatic mode, the
CY7C656xx turns on the green LED whenever the port is
enabled and the amber LED when an overcurrent condition is
detected. The color of the port indicator is set by the port state
machine. Blinking of the LEDs is not supported in automatic
mode. Table 1 identifies the mapping of color to port state in
automatic mode.
The LED control lines can also be modulated with a square wave
for power conservation. The polarity of these pins is program-
mable, see on page 13.
In manual mode, the indicators are under the control of the host,
which can turn on the LEDs, or leave them off. This is done by a
USB Hub class request. Blinking of the LEDs is supported in
manual mode. The port indicators enable the user to intervene
in any error detection. For example, when babble is detected
while plugging in a defective device, or when an overcurrent
condition occurs, the port indicators corresponding to the
downstream port blink green or only light the amber LED, respec-
tively.
Table 2 displays the color definition of the indicators when
CY7C656xx is in manual mode.[1]
Table 1. Automatic Port State to Port Indicator Color Mapping
Downstream Facing Hub Port State
Powered Off
Disconnected, Disabled,
Not Configured, Resetting, Testing
Enabled, Transmit, or
TransmitR
Suspended, Resuming,
SendEOR, Restart_E/S
Off or Amber, if due to an
overcurrent condition
Off
Green
Off
Table 2. Port Indicator Color Definitions in Manual Mode
Color Definition
Port State
Off
Not operational
Amber
Error condition
Green
Fully operational
Blinking Off/Green
Software attention
Blinking Off/Amber
Hardware attention
Blinking Green/Amber
Reserved
Note
1. Information presented in Table 1 and Table 2 is from USB 2.0 specification Tables 11-6 and 11-7, respectively.
[+] Feedback


Similar Part No. - CY7C65620-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65620-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com