Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199CN-15ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C199CN-15ZC
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199CN-15ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C199CN-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7C199CN
256K (32K x 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06435 Rev. *B
Revised March 08, 2007
Features
• Fast access time: 12 ns, 15 ns, 20 ns, and 25 ns
• Wide voltage range: 5.0V ± 10% (4.5V to 5.5V)
• CMOS for optimum speed and power
• TTL-compatible inputs and outputs
• 2.0V data retention
• Low CMOS standby power
• Automated power down when deselected
• Available in Pb-free 28-pin TSOP I, 28-pin Molded SOJ and
28-pin DIP packages
General Description [1]
The CY7C199CN is a high performance CMOS Asynchronous
SRAM organized as 32K by 8 bits that supports an
asynchronous memory interface. The device features an
automatic power down feature that reduces power
consumption when deselected.
See the “Truth Table” on page 3 in this data sheet for a
complete description of read and write modes.
The CY7C199CN is available in Pb-free 28-pin TSOP I, 28-pin
Molded SOJ and 28-pin DIP package(s).
Logic Block Diagram
Product Portfolio
–12
–15
–20
–25
Unit
Maximum Access Time
12
15
20
25
ns
Maximum Operating Current
85
80
75
75
mA
Maximum CMOS Standby Current
(low power)
500
500
500
500
µA
RAM Array
Column Decoder
Input Buffer
A
X
Power
Down
Circuit
I/Ox
OE
WE
CE
X
Note
1. For best practices recommendations, refer to the Cypress application note System Design Guidelines on www.cypress.com.


Similar Part No. - CY7C199CN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199CN-15ZC CYPRESS-CY7C199CN-15ZC Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199CN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com