Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-10ZSXA Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1011CV33-10ZSXA
Description  2-Mbit (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-10ZSXA Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1011CV33-10ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 9Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 10Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 11Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 12Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *H
Page 11 of 13
Figure 11. 44-Pin Thin Plastic Quad Flat Pack, 51-85064
Package Diagrams (continued)
12.00±0.25 SQ
STAND-OFF
0.60±0.15
12°±1°
R. 0.08 MIN.
0.20 MIN.
1.00 REF.
0° MIN.
0-7°
0.20 MAX.
0.20 MIN.
0.25
(8X)
GAUGE PLANE
10.00±0.10 SQ
0.80
0.37±0.05
0.20 MAX.
0.05 MIN.
0.15 MAX.
44
1
1.60 MAX.
1.40±0.05
B.S.C.
R. 0.08 MIN.
SEATING PLANE
SEE DETAIL
A
DETAIL
A
11
33
23
12
22
34
0.10
NOTE:
1. JEDEC STD REF MS-026
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.0098 in (0.25 mm) PER SIDE
3. DIMENSIONS IN MILLIMETERS
BODY LENGTH DIMENSIONS ARE MAX PLASTIC BODY SIZE INCLUDING MOLD MISMATCH
51-85064-*C
[+] Feedback


Similar Part No. - CY7C1011CV33-10ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
525Kb / 17P
   2-Mbit (128 K 횞 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
More results

Similar Description - CY7C1011CV33-10ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com