Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1007D-10VXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1007D-10VXI
Description  1-Mbit (1M x 1) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007D-10VXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1007D-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1007D-10VXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY7C107D
CY7C1007D
Document #: 38-05469 Rev. *E
Page 9 of 10
© Cypress Semiconductor Corporation, 2006-2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the
use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to
be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Figure 2. 28-pin (300-Mil) Molded SOJ, 51-85031
All product and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams(continued)
MIN.
MAX.
PIN 1 ID
0.291
0.300
0.050
TYP.
0.007
0.013
0.330
0.350
0.120
0.140
0.025 MIN.
0.262
0.272
0.697
0.713
0.013
0.019
0.014
0.020
0.032
0.026
A
A
DETAIL
EXTERNAL LEAD DESIGN
OPTION 1
OPTION 2
1
14
15
28
0.004
SEATING PLANE
NOTE :
1. JEDEC STD REF MO088
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.006 in (0.152 mm) PER SIDE
3. DIMENSIONS IN INCHES
51-85031-*C


Similar Part No. - CY7C1007D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
835Kb / 14P
   1-Mbit (1M x 1) Static RAM Low active power
More results

Similar Description - CY7C1007D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D_1104 CYPRESS-CY7C107D_1104 Datasheet
835Kb / 14P
   1-Mbit (1M x 1) Static RAM Low active power
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com