Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C028V-20AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C028V-20AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C028V-20AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C028V-20AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C028V-20AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY7C027V/027VN/027AV/028V
CY7C037V/037AV/038V
Document #: 38-06078 Rev. *B
Page 3 of 18
Pin Configurations (continued)
Figure 2. 100-Pin TQFP (Top View)
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A8R
A9R
A10R
A11R
A12R
A13R
CE0R
A15R
UBR
SEMR
R/WR
GND
I/O17R
LBR
A14R
GND
OER
GND
I/O16R
I/O15R
I/O14R
I/O13R
I/O12R
I/O11R
CE1R
58
57
56
55
54
53
52
51
CY7C037V/037AV (32K x 18)
A9L
A10L
A11L
A12L
A13L
A14L
CE1L
LBL
CE0L
R/WL
OEL
I/O17L
I/O16L
UBL
A15L
VCC
GND
GND
I/O15L
I/O14L
I/O13L
I/O12L
I/O11L
I/O10L
SEML
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CY7C038V (64K x 18)
[2]
[2]
Selection Guide
Parameter
-15
-20
-25
Unit
Maximum Access Time
15
20
25
ns
Typical Operating Current
125
120
115
mA
Typical Standby Current for ISB1 (Both ports TTL level)
35
35
30
mA
Typical Standby Current for ISB3 (Both ports CMOS level)
10
μA10 μA10 μA
μA
Note
2. This pin is NC for CY7C037V/037AV.
[+] Feedback


Similar Part No. - CY7C028V-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C028V-20AXC CYPRESS-CY7C028V-20AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AXC CYPRESS-CY7C028V-20AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C028V-20AXC CYPRESS-CY7C028V-20AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C028V-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com