Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0430BV-133BGI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C0430BV-133BGI
Description  10 Gb/s 3.3V QuadPort DSE Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430BV-133BGI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C0430BV-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 14Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CY7C0430BV
CY7C0430CV
Document #: 38-06027 Rev. *B
Page 11 of 37
tCKLZ[9]
Clock HIGH to Output Low-Z
1
1
ns
tSINT
Clock to INT Set Time
1
7.5
1
10
ns
tRINT
Clock to INT Reset Time
1
7.5
1
10
ns
tSCINT
Clock to CNTINT Set Time
1
7.5
1
10
ns
tRCINT
Clock to CNTINT Reset Time
1
7.5
1
10
ns
Master Reset Timing
tRS
Master Reset Pulse Width
7.5
10
ns
tRSR
Master Reset Recovery Time
7.5
10
ns
tROF
Master Reset to Output Flags Reset Time
6.5
8
ns
Port to Port Delays
tCCS[6]
Clock to Clock Set-up Time (time required after a write
before you can read the same address location)
6.5
9
ns
JTAG Timing and Switching Waveforms
Parameter
Description
Quadport DSE Family
Unit
–133/–100
Min.
Max.
fJTAG
Maximum JTAG TAP Controller Frequency
10
MHz
tTCYC
TCK Clock Cycle Time
100
ns
tTH
TCK Clock High Time
40
ns
tTL
TCK Clock Low Time
40
ns
tTMSS
TMS Set-up to TCK Clock Rise
20
ns
tTMSH
TMS Hold After TCK Clock Rise
20
ns
tTDIS
TDI Set-up to TCK Clock Rise
20
ns
tTDIH
TDI Hold after TCK Clock Rise
20
ns
tTDOV
TCK Clock Low to TDO Valid
20
ns
tTDOX
TCK Clock Low to TDO Invalid
0
ns
fBIST
Maximum CLKBIST Frequency
50
MHz
tBH
CLKBIST High Time
6
ns
tBL
CLKBIST Low Time
6
ns
Switching Characteristics Over the Industrial Operating Range (continued)[6]
Parameter
Description
CY7C0430BV and CY7C0430CV
Unit
–133
–100
Min.
Max.
Min.
Max.


Similar Part No. - CY7C0430BV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV-133BGI CYPRESS-CY7C0430BV-133BGI Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV-133BGI CYPRESS-CY7C0430BV-133BGI Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
More results

Similar Description - CY7C0430BV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV CYPRESS-CY7C0430BV_06 Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
logo
Vitesse Semiconductor C...
VSC7980 VITESSE-VSC7980 Datasheet
408Kb / 2P
   Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com