Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0430BV-133BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C0430BV-133BGI
Description  10 Gb/s 3.3V QuadPort DSE Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430BV-133BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C0430BV-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C0430BV-133BGI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CY7C0430BV
CY7C0430CV
Document #: 38-06027 Rev. *B
Page 10 of 37
Switching Characteristics Over the Industrial Operating Range [6]
Parameter
Description
CY7C0430BV and CY7C0430CV
Unit
–133
–100
Min.
Max.
Min.
Max.
fMAX2[7]
Maximum Frequency
133
100
MHz
tCYC2[7]
Clock Cycle Time
7.5
10
ns
tCH2
Clock HIGH Time
3
4
ns
tCL2
Clock LOW Time
3
4
ns
tR
Clock Rise Time
2
3
ns
tF
Clock Fall Time
2
3
ns
tSA
Address Set-up Time
2.3
3
ns
tHA
Address Hold Time
0.7
0.7
ns
tSC
Chip Enable Set-up Time
2.3
3
ns
tHC
Chip Enable Hold Time
0.7
0.7
ns
tSW
R/W Set-up Time
2.3
3
ns
tHW
R/W Hold Time
0.7
0.7
ns
tSD
Input Data Set-up Time
2.3
3
ns
tHD
Input Data Hold Time
0.7
0.7
ns
tSB
Byte Set-up Time
2.3
3
ns
tHB
Byte Hold Time
0.7
0.7
ns
tSCLD
CNTLD Set-up Time
2.3
3
ns
tHCLD
CNTLD Hold Time
0.7
0.7
ns
tSCINC
CNTINC Set-up Time
2.3
3
ns
tHCINC
CNTINC Hold Time
0.7
0.7
ns
tSCRST
CNTRST Set-up Time
2.3
3
ns
tHCRST
CNTRST Hold Time
0.7
0.7
ns
tSCRD
CNTRD Set-up Time
2.3
3
ns
tHCRD
CNTRD Hold Time
0.7
0.7
ns
tSMLD
MKLD Set-up Time
2.3
3
ns
tHMLD
MKLD Hold Time
0.7
0.7
ns
tSMRD
MKRD Set-up Time
2.3
3
ns
tHMRD
MKRD Hold Time
0.7
0.7
ns
tOE
Output Enable to Data Valid
6.5
8
ns
tOLZ[8]
OE to Low-Z
1
1
ns
tOHZ[8]
OE to High-Z
1
6
1
7
ns
tCD2
Clock to Data Valid
4.2
5
ns
tCA2
Clock to Counter Address Readback Valid
4.7
5
ns
tCM2
Clock to Mask Register Readback Valid
4.7
5
ns
tDC
Data Output Hold After Clock HIGH
1
1
ns
tCKHZ[9]
Clock HIGH to Output High-Z
1
4.8
1
6.8
ns
Notes:
6. If data is simultaneously written and read to the same address location and tCCS is violated, the data read from the address, as well as the subsequent data
remaining in the address is undefined.
7. fMAX2 for commercial is 135 MHz. tCYC2 Min. for commercial is 7.4 ns.
8. This parameter is guaranteed by design, but it is not production tested.
9. Valid for both address and data outputs.


Similar Part No. - CY7C0430BV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV-133BGI CYPRESS-CY7C0430BV-133BGI Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV-133BGI CYPRESS-CY7C0430BV-133BGI Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
More results

Similar Description - CY7C0430BV-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV CYPRESS-CY7C0430BV_06 Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
logo
Vitesse Semiconductor C...
VSC7980 VITESSE-VSC7980 Datasheet
408Kb / 2P
   Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com