Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C148-35PC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C148-35PC
Description  1Kx4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C148-35PC Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C148-35PC Datasheet HTML 1Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 2Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 3Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 4Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 5Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 6Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 7Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 8Page - Cypress Semiconductor CY7C148-35PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY7C148
CY7C149
Document #: 38-05059 Rev. **
Page 6 of 9
Typical DC and AC Characteristics
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE(V)
TYPICAL POWER–ON CURRENT
vs.SUPPLY VOLTAGE(7C148)
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs.OUTPUT LOADING
1.4
1.2
1.0
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs.ACCESS TIME
0.0
5.0
0.0
1000
0.8
VCC =4.5V
TA =25°C
0.9
1.1
1.3
TA =25°C
1K
Ω CSPULL–UP
RESISTORTOV CC
ISB
50
60
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
25
CY7C148
−25PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
35
CY7C148
−35PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
CY7C148
−35DMB
D4
18-Lead (300-Mil) CerDIP
Military
45
CY7C148
−45PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
CY7C148
−45DMB
D4
18-Lead (300-Mil) CerDIP
Military
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
25
CY7C149
−25PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
35
CY7C149
−35PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
CY7C149
−35DMB
D4
18-Lead (300-Mil) CerDIP
Military
CY7C149
−35LMB
L50
18-Pin Rectangular Leadless Chip Carrier
45
CY7C149
−45PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
CY7C149
−45DMB
D4
18-Lead (300-Mil) CerDIP
Military
CY7C149
−45LMB
L50
18-Pin Rectangular Leadless Chip Carrier
[+] Feedback


Similar Part No. - CY7C148-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C148 CYPRESS-CY7C148 Datasheet
161Kb / 8P
   1K x 4 Static RAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV25-167AXC CYPRESS-CY7C1480BV25-167AXC Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25-167AXC CYPRESS-CY7C1480BV25-167AXC Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C148-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
CY7C150 CYPRESS-CY7C150 Datasheet
314Kb / 11P
   1Kx4 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com